Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED22V1A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED22V1A
Description  HIGH EFFICIENCY LED CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED22V1A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED22V1A Datasheet HTML 1Page - List of Unclassifed Manufacturers LED22V1A Datasheet HTML 2Page - List of Unclassifed Manufacturers LED22V1A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089. U. S. A. Tel.: (408) 747 -9760, Fax: (408) 747-9770. www.analogtechnologies.com
© Copyright 1999 – 2003, Analog Technologies, Inc. All Rights Reserved. Updated: 4/28/03
1/3
LED22V1A
Analog Technologies, Inc.
HIGH EFFICIENCY LED CONTROLLER
Main Features: output current adjustable, supply current monitoring, high efficiency, high power density, high
precision, small size, fault protection, low output ripple current and low cost.
Specifications
Part number:
LED22V1A
Input voltage:
7V to 22V
Output voltage:
1V to power supply voltage – 0.5V
Maximum output current:
1A
Efficiency:
90% typical
Dimming control voltage:
0 to 1.25V
Packaging:
FR-4 PCB
Operating temperature:
−10°C to 85°C
Dimension:
25mm
× 14mm × 5.5mm
Output Pin Description
Pin 1, GND,
the signal and power ground. Connect the negative power supply terminal to this pin.
Pin 2, VPSPR, the power supply positive input. Connect the positive power supply terminal to this pin. When
using this pin, the power supply current will be monitored (See Pin 7) and the controller will be
turned off when the current exceeds 2.27A. The current sense resistor is of 0.022
Ω.
Pin 3, VPSDR, the power supply positive input. Connect the positive power supply terminal to this pin. When
using this pin, the power supply current will not be monitored and the controller will not be
turned off when the power supply current exceeds 2.27A. The efficiency will be higher by using
this pin since the power supply current does not go through the 0.022
Ω resistor, as opposed to
using Pin 2.
Pin 4, LIS,
analog input control voltage. Setting this voltage by using a POT (Potentiometer) or a DAC
from 0 to 1.25V will set the output current from 0 to 1A. The input impedance of this pin is
100K
Ω. Leaving this pin float will allow the POT on the PCB to set the output current which
sets the output current from 0 to 1A, turning clock-wise to increase the current.
Pin 5, 2.5V,
analog output, reference voltage, 20ppm/
°C, ± 1mA.
Pin 6, SDNG,
digital input, shut down negative logic, 0 to 0.8V = shut down; 2V to 5V = turn on. Leaving this
pin open will enable the controller.
Pin 7, PSIO,
analog output, power supply current indication. It will be effective when connecting the positive
power supply terminal through VPSPR (Pin 2).
Power supply current = [voltage at PSIO]*0.91. For example, when the output voltage is 2V,
the power supply current = 2*0.91 = 1.82A.
Pin 8, LEDA,
analog output for LED anode. Connect this pin to the LED positive terminal, the anode.
Pin 9, GND,
power ground, connect this pin to the LED negative terminal, the cathode.


Similar Part No. - LED22V1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
HIGH EFFICIENCY LED CONTROLLER
LED22V1A2DWM ETC2-LED22V1A2DWM Datasheet
275Kb / 4P
HIGH EFFICIENCY LED CONTROLLER
More results

Similar Description - LED22V1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABK36V1A1 ETC2-ABK36V1A1 Datasheet
583Kb / 17P
High Efficiency Precision LED Controller
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
HIGH EFFICIENCY LED CONTROLLER
logo
Texas Instruments
TPS92070 TI-TPS92070 Datasheet
819Kb / 20P
High-Efficiency Integrated Dimming LED Lighting Controller
logo
Unisonic Technologies
ULD3380 UTC-ULD3380 Datasheet
169Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Richtek Technology Corp...
RT8487 RICHTEK-RT8487 Datasheet
781Kb / 13P
High Efficiency BCM LED Driver Controller for High Power
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_15 Datasheet
153Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Diodes Incorporated
AP1684 DIODES-AP1684 Datasheet
409Kb / 13P
AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
Rev 3
logo
Axiomtek Co., Ltd.
LE-800 AXIOMTEK-LE-800 Datasheet
255Kb / 1P
High efficiency LED controller for LCD panel
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_16 Datasheet
111Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com