Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED22V1A2DW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED22V1A2DW
Description  HIGH EFFICIENCY LED CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED22V1A2DW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED22V1A2DW Datasheet HTML 1Page - List of Unclassifed Manufacturers LED22V1A2DW Datasheet HTML 2Page - List of Unclassifed Manufacturers LED22V1A2DW Datasheet HTML 3Page - List of Unclassifed Manufacturers LED22V1A2DW Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089. U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770. www.analogtechnologies.com
© Copyright 1999 – 2004, Analog Technologies, Inc. All Rights Reserved. Updated: 10/28/04
1/4
LED22V1A2DW
Analog Technologies, Inc.
HIGH EFFICIENCY LED CONTROLLER
Main Features: high efficiency, output current adjustable, high stability, small size, output short circuit
protection, and low cost.
Specifications
Part number:
LED22V1A2DW
Input voltage:
7V to 22V
Output voltage:
2V to power supply voltage – 1V
Maximum output current:
1A
Efficiency:
90% typical
Dimming control voltage:
1.25 to 2.5V
Packaging:
FR-4 PCB + epoxy
Operating temperature:
−10°C to 85°C
Dimension:
16mm
× 16.7mm × 6mm
Output Pin Description
Pin 1, SYNC
Digital input. It can be used to synchronize the LED controller switching frequency by an
external clock signal.
Pin 2, SDNG
Digital input. It can be used to shut down the LED controller, has a negative logic: 0 =
shut down and 1 = turn on, and is internally pulled up. Leaving this pin unconnected
enables the LED controller.
Pin 3, VSW
Digital output. It can be used to synchronize other LED controllers as the clock signal
source. When used as the clock master unit, a higher switching frequency unit must be
ordered and the part number becomes: LED22V1A2DWM.
Pin 4, 2.5V
Analog output. The reference voltage of 2.5V used by the controller. It has a 20ppm/
°C
drift and can provide
± 1mA current.
Pin 5, LIS
Analog input/output. It can be used to set the output LED current or indicate the voltage
for setting the output LED current. The relationship between this voltage and the output
current is: LED current = (LIS (V) – 1.25V)/1.25 (A). For example, when this voltage
equals to 2V, the output LED current is (2 – 1.25)/1.25 = 0.6A. The internal circuit is
shown in Figure 1.
Pin 6, GND
Power input. Connect it to the power supply return terminal.
Pin 7, VPS
Power input. Connect it to the power supply positive terminal.
Pin 8, LEDA
Analog output. Connect it to the LED’s positive terminal, the anode.
Pin 9, LEDC
Analog output. Connect it to the LED’s negative terminal, the cathode.
Applications
The LED22V1A2DW is a compact high efficiency LED controller. No heat sink is needed for operation.
The output current can be set either by an internal POT (Potentiometer) on the top side of the controller,
by an external POT, or an external DAC (Digital to Analog Converter). The voltage required for setting
the output LED current from 0 to 1A is 1.25V to 2.5V. I.e., when setting LIS (pin 5) to 1.25V or below,
the correspondent output LED current is 0; when setting to 2.5V (the reference voltage provided by the
controller), the output current is 1A.


Similar Part No. - LED22V1A2DW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
HIGH EFFICIENCY LED CONTROLLER
LED22V1A-350MA ETC2-LED22V1A-350MA Datasheet
24Kb / 3P
HIGH EFFICIENCY LED CONTROLLER
LED22V1A-700MA ETC2-LED22V1A-700MA Datasheet
24Kb / 3P
HIGH EFFICIENCY LED CONTROLLER
LED22V1A-ADJ ETC2-LED22V1A-ADJ Datasheet
24Kb / 3P
HIGH EFFICIENCY LED CONTROLLER
More results

Similar Description - LED22V1A2DW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABK36V1A1 ETC2-ABK36V1A1 Datasheet
583Kb / 17P
High Efficiency Precision LED Controller
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
HIGH EFFICIENCY LED CONTROLLER
logo
Texas Instruments
TPS92070 TI-TPS92070 Datasheet
819Kb / 20P
High-Efficiency Integrated Dimming LED Lighting Controller
logo
Unisonic Technologies
ULD3380 UTC-ULD3380 Datasheet
169Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Richtek Technology Corp...
RT8487 RICHTEK-RT8487 Datasheet
781Kb / 13P
High Efficiency BCM LED Driver Controller for High Power
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_15 Datasheet
153Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Diodes Incorporated
AP1684 DIODES-AP1684 Datasheet
409Kb / 13P
AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
Rev 3
logo
Axiomtek Co., Ltd.
LE-800 AXIOMTEK-LE-800 Datasheet
255Kb / 1P
High efficiency LED controller for LCD panel
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_16 Datasheet
111Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com