Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-902DVL Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # M-902DVL
Description  MICRO FLOWMETER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

M-902DVL Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  M-902DVL Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 9Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M-900 Series MICRO FLOWMETER
4
TOKYO KEISO CO., LTD.
TG-F2287-E03
Local Indication version
STANDARD VERSION
OUTLINE
Model M-900 is a local indicator for very small flow measurement.
It indicates flow rate of liquids and gases with a scale and a pointer.
Its purely mechanical construction requires neither electric power nor air.
STANDARD SPECIFICATION
Measuring fluid
Liquids and Gases
The models with a damper are recommended
for low-pressure gases (less than 0.3 MPa)
Type
Standard type
Large-flow
type
Flow
range
Liquid *1
[L/h]
2 to 5
5 to 10
10 to 300 300 to 600
Gas *1
[L/h (nor)] 60 to 150 150 to 300
300 to
8,500
8,500 to
17,000
Fluid pressure
[MPa]
Max. 10 (Option: 20)
(Subject to flange ratings for the flange
connection)
(Max. 2.94 for the types with a liquid damper)
Fluid temperature
[ºC]
0 to 149
(High- and low-temperature types: −20 to 200 *3)
Indication
accuracy *4
[%F.S.]
±5
(High-accuracy type:
±3)
±3
(High-accuracy type:
±2)
Rangeability
10:2
(Option:
10:1)
10:1
Screw
1/4, 3/8 (Standard), 1/2
3/8, 1/2
(Standard),
3/4
Flange
10A, 15A, 20A, 25A
15A, 20A,
25A
*1 Liquid: water (density of 1.0 g/cm3, viscosity of 1.0 mPa·s),
Gas: air (0ºC, 0 MPa)
*2 Models with a damper are not available.
*3 Models with a damper are not available. The fluid temperature
must be −15 to 150ºC for the models with a needle valve.
*4 Flowmeters for liquids with the specified indication accuracies
may not be available depending on the liquid viscosity.
Viscosity limit for liquid flow measurement
Fill scale
Viscosity limit (mPa·s)
2 to 20 L/h
5
20 to 50 L/h
10
50 L/h or higher
20
Material availabilty
Part name
Body
Tapered tube
Float
SUS304
SUS304
SUS304
Std.
Available material
SUS316, (SCS14) SUS316L,
Equivalent to MA276 *1, Titanium *1
SUS316, SUS316L,
Equivalent to MA276 *1, Titanium *1
SUS316, SUS316L,
Equivalent to MA276 *1, Titanium *1
*1 Not applied for owmeter with gas damper type.
Paint
Munsell 7.5BG4/1.5 (Indicator housing)
AMB. Temp.
–30 to 80°C
Enclosure of indication part
Dust-proof and splash-proof
(Equivalent to IP54) (Option: Equivalent to IP65)
DIMENSIONS
●
STANDARD, SCREW CONNECTION M-901
50.5
62
43
112.5
Screw size
L (mm)
1/4
180
3/8
160
1/2
190
* Screw socket (s) provided for Rc 1/4 and Rc 1/2.
* "L" length of the owmeter with gas damper is extended by 40mm at downstream.
●
STANDARD, FLANGE CONNECTION M-901
43
50.5
62
112.5
* Length of flowmeter with gas damper is extended by 40mm at downstream.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com