Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-751-R Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # R-751-R
Description  Glass tube flowmeter with alarm contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

R-751-R Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  R-751-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. R-751-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. R-751-R Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. R-751-R Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R-700 Series Glass tube flowmeter with alarm contact
TG-F2373-E01
4
ALARM CONTACTS
Reed switch type (R-75
□)
●
Type of switch
: Self holding type.
Normal open or Normal close
●
Capacity
: AC.DC,10W(Resistance load)
Max.voltage AC 120V, DC 170V
Max.Current AC 0.25A, DC 0.25A
●
Setting Accuracy
: ± 2% F.S. (Against flow calibration)
●
Reset span
:
≦15% F.S. (R-75
□, R-75□-R)
≦20% F.S. (R-75
□-E)
(Against flow calibration)
●
Enclosure
: Splash-proof
Optical switch type (R-76
□)
●
Output
: Open collector (NPN)
●
Output rating
: Max. sink current 80 mA (30V DC)
●
Operation
: Dark ON (Open collector ON when light is
shielded)
●
Response time
: 0.5 msec or less
●
Power supply
: 24V DC ± 10% (Power ripple : max. 10%)
●
Power consumption : Projector 15 mA or less
Receiver 22 mA or less
●
Photosensitivity adjustment
: Included
●
Operation display
: Operation indication (Red LED)
Stability indication (Green LED)
●
Connection
: Cable pullout type (Cable outer diameter
ø2.8 mm)
Cables
Projector 0.15 mm2 two-core cable, 2 m (Gray)
Receiver 0.15 mm2 three-core cable, 2 m (Black)
●
Structure
: Waterproof hermetic (Equivalent to IP64)
●
Material
: Case (Liquid crystal polyester/Polypropyl-
ene filler)
●
Ambient illuminance : 3,000 lux or less
●
Ambient temperature : −25 to +55ºC (No freezing)
●
Ambient humidity
: 85%RH or less (No condensation)
Model
Q'ty
Fluid name
Density
Viscosity
Pressure
Temperature
Scale range
Alarm setting point
Action
Material
Special
instruction
LO__________
HI__________
LO
Open
Close for decrease
HI
Open
Close for increase
Body
____________
Float
____________
Gasket
____________
ORDERING INFORMATION
Avoid the use of glass tube variable area flowmeters for the following
services.
1. Liquid services subject to impulse pressure in the process.
2. Secondary accidents might occur due to the breakage of glass in
such services :
•Toxic fluids such as poisons, stimulant and narcotics
•Flammable fluids
•Explosive fluids
3. Gas handling process where breakage of glass might result in gas
leakage or scattering of glass fragments.
4. The installation places of the flowmeters where breakage of glass
might be caused by the accidents from the surrounding piping or
equipment.
5. On-off operation where breakage of glass might be caused by the
collision of the float inside meter due to the abrupt change of flow.
6. Services where the heat shock by abrupt change of temperature is
expected.
CAUTION
Cautions on the use of glass tube variable area flowmeters
Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specication is subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com