Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-762-R Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # R-762-R
Description  Glass tube flowmeter with alarm contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

R-762-R Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  R-762-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. R-762-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. R-762-R Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. R-762-R Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R-700 Series Glass tube flowmeter with alarm contact
TG-F2373-E01
2
TOKYO KEISO CO., LTD.
MODEL CODE
R- 7
Type of contact
Flow direciton
Type of tapered tube
Description
Reed switch
Optical switch
Bottom
Top
Bottom
Top side
Bottom side
Top side
Bottom rear
Top rear
General purpose
Rib guided
Wide designed
5
6
1
2
3
5
- R
- E
Model code
FLOW RATE
1) For Liquid measurement
10
15
20
25
40
B
A
50
65
80
100
–
–
–
–
–
–
9 to 12
21
50
Press Loss
(kPa)
–
–
–
–
–
–
5
9
19
0.065 to
0.1
0.4
1
1.65
2.5
4.3
6.7
–
–
–
Press Loss
(kPa)
2.5
2.5
3.5
5
4
4
4
–
–
–
–
–
–
3 to 6.5
15
25
40
55
80
Press Loss
(kPa)
–
–
–
12
10
12
18
18
15
Meter
size
Flow rate
R-7
General type
R-7
-R
Rib guided
R-7
-E
Wide designed
Water
m3/h
Water
m3/h
Water
m3/h
General type (R-7
□□) and Wide designed type (R-7□□-E) are suitable
only for Water or water equivalent liquid having 1.0 mPa·s viscosity.
Above table shows maximum possible full scale for different meter sizes
with stainless steel floats.
The figures are indicated by flow rate of Water having Density of 1.0g/cm3
and viscosity of 1.0 mPa·s In case actual operating condition is different
from this, a conversion calculation is required. Consult factory for details.
2) For Gas measurement
15
20
25
40
B
A
50
2
~7.5
17
28
39
85
130
Press. Loss
(kPa)
3.5
2.5
2.5
3.5
3
3
Flow rate
R-7
-R
(Ribbed tapered tube version)
Meter
size
Air
m3/h (nor)
Ribbed tapered tube version(R-7
□□-R) is recommended
for gas measurement. Available size is 15 to 50
(Density 1.293kg/m3(nor) ,0°C,1atm). In case the fluid is different
from air, and / or operating condition is not under Normal condition,
a conversion calculation is required. Consult factory for details.
ACCEPTABLE CONNECTION FLANGE SIZES
Possible connection flange sizes against selected meter size are
shown in the following tables.
1)For R-7
□□ (General type)
2)For R-7
□□-E
and R-7
□□-R (Ribbed
(Wide designed type)
tapered tube type)
Body
material
SCS14
Connection ange size
(against meter size)
Body
material
SS400/SGP
SCS13,SCS14
PVC
Connection ange size
(against meter size)
–1
±0
+1
–1
±0
+1
STANDARD GRADUATION
The follwing 17 different standard graduations are ready to choose.
Fix your full scale to meet the availability.
Graduation examples are for R-7
□□ and R-7□□-R,
They may slightly differ for R-7
□□-E
Above table shows maximum possible full scale for different meter
sizes with aluminum float.
The figures are indicated by flow rate of Air under Normal condition
10
8
6
4
2
1
12
10
8
6
4
2
1.2
14
12
10
8
6
4
2
1.4
15
10
5
1.5
16
12
4
8
18
15
5
1.8
10
20
15
5
2
10
25
20
15
10
5
2.5
30
20
10
3
35
3.5
30
20
10
40
30
20
10
4
45
40
30
20
10
4.5
1.6
50
40
30
20
10
5
60
50
40
30
20
6
10
70
60
40
7
20
80
40
8
90
40
20
9
60
80
60
20
1–10
1.2–12
1.4–14
1.5–15
1.6–16
1.8–18
2–20
2.5–25
3–30
3.5–35
4–40
4.5–45
5–50
6–60
7–70
8–80
9–90



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com