Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-620-0A-BC-R3 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # P-620-0A-BC-R3
Description  Purgemeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-620-0A-BC-R3 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  P-620-0A-BC-R3 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-620-0A-BC-R3 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE
The P-620 is a compact, acryl-mold type purgemeter for measuring
liquids of up to 10 L/min. The P-620 is widely used as a flow switch and
features easy in-line maintenance. It does not need removing from the
instrument panel.
MAJOR APPLICATIONS
Cooling water lines for semiconductor production equipment
STANDARD SPECIFICATIONS
Measuring fluid
Liquid (Water-equivalent: Dens. 1.0 g/cm³, Visc.
1.0 mPa·s)
Measuring range
Water
Min. 0.2 to 2 L/min (0.4 to 1.2 L/min
with alarm output)
Max. 1 to 10 L/min
・When selecting a flow range,refer to the
standard flow rate table.
Range ability
Standard (10 : 1)
Indication accuracy
±10% F.S.
Fluid pressure
Max. 1 MPa
Fluid temperature
Max. 60℃
Material
Wetted parts Acryl
Tapered tube Acryl
Gasket
Nitrile rubber(NBR)
Chloroprene rubber (CR)
Fluoro rubber
Fitting
C3604, SUS304, SUS316
Process Connection
Rc
: 3/8"(Standard)
NPT : 3/8"
SW : 3/8"
Mounting
Screw mount on the panel front(Standard)
Mass
approx. 0.3 kg
ALARM CONTACT AND OUTPUT
Type
Availability
Reed switch type alarm unit
General
UL-approved
PAU optical alarm unit
×
For CE approval, refer to "Index & Quick Reference for P Series
Purgemeters" (TG-S0001).
STANDARD FLOW RATE TABLE
For alarm output code of 0
For alarm output codes of A to D
Water
Water
Alarm setting
range
0.4 to 1.2 L/min 0.5 to 1 L/min
0.2 to 2 L/min
0.2 to 2 L/min
0.4 to 1.6 L/min
0.3 to 3 L/min
0.3 to 3 L/min
1 to 2.4 L/min*1
0.5 to 5 L/min
0.5 to 5 L/min
2 to 4 L/min
0.6 to 6 L/min
0.6 to 6 L/min
2 to 4.8 L/min
0.8 to 8 L/min
0.8 to 8 L/min
2 to 6.4 L/min
1 to 10 L/min
  1 to 10L/min
2 to 8 L/min
*1 Min. 0.75 L/min for the SW connection
BASIC MODEL CODE
Model Code
Descriptions
Notes
P-620 – □ □ – □ □ – □ □
Valve
– 0
Not provided
– U
Outlet
– Z
Special
Alarm output
0
Not provided
Refer to "Index
& Quick
Reference for
P Series
Purgemeters"
(TG-S0001).
A
Reed switch (LO)
B
Reed switch (LC)
C
Reed switch (HO)
D
Reed switch (HC)
Z
Special
Wetted parts
material
– B
C3604(Standard)
– 4
SUS304
– 6
SUS316
– Z
Special
Gasket material
N
Nitrile rubber
(NBR)
(Standard)
C
Chloroprene
rubber(CR)
F
Fluoro rubber
Z
Special
Process connection type
– R
Rc(Standard)
– N
NPT female
– S
SW
– Z
Special
Process connection size
3 3/8"(Standard)
Z Special
OTHER AVAILABLE OPTIONS
You can specify the following options:
Alarm setting on the front face, length of reed switch lead wire, double
graduations, special graduations, built-in rubber joint type, built-in joint
type, etc.
(For details, refer to "Index & Quick Reference for P Series Purgemeters"
(TG-S0001)).
Compact, acryl-mold type purgemeter for measuring
liquids
P-620
Purgemeter
TG-F2705-E00
1st edition Apr 2026 K


Similar Part No. - P-620-0A-BC-R3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-6287 ETC2-P-6287 Datasheet
95Kb / 1P
Step-Down Auto Transformers
More results

Similar Description - P-620-0A-BC-R3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1210 TTELEC-DS1210 Datasheet
488Kb / 4P
Platon Armoured Purgemeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com