Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-882-LN0-6F-R Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # P-882-LN0-6F-R
Description  Purgemeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-882-LN0-6F-R Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  P-882-LN0-6F-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-882-LN0-6F-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE
The P-880 is an area purgemeter for measuring micro flow rates of
gases. This purgemeter is equipped with an improved valve to accurately
control the flow rate. The P-880 is ideal for measuring and controlling
micro flow rates.
FEATURES
❏
Micro flow rate measurement
Can measure flow rates from 0.15 to 1.5 mL/min (nor) to 6 to 60 L/
min (nor)
❏
Easy flow rate control
Can control flow rates accurately. The optimum valve will be provided
for your specification of inlet and outlet pressures.
❏
Selectable face-to-face dimensions
Three face-to-face dimensions (115 mm, 130 mm, and 145 mm) are
available for various applications.
❏
Compact, lightweight design
3 mm smaller in width and half the weight compared with the P-810.
MAJOR APPLICATIONS
1. Built-in use for equipment
2. Biotechnology industry
3. Semiconductor-related gas equipment
STANDARD SPECIFICATIONS
Measuring fluid
Gases
Measuring range
Air Min. 0.15 to 1.5 mL/min(nor)
Max. 6 to 60 L/min(nor)
・When selecting a flow range, refer to "Index &
Quick Reference for P Series Purgemeters"
(TG-S0001).
・When selecting a flow range, refer to the
standard flow rate table.
Range ability
10:1
Indication accuracy
±5% F.S.
Fluid pressure
Max. 1 MPa
Fluid temperature
Max. 120ºC(Depends on the gasket material)
Leak rate
1×10-7Pa・m3/s or less (He)
This is a typical value obtained during in-house
tests, not a guaranteed value.
Material
Wetted part
SCS14/SUS316
Tapered tube Heat-resistant glass
Gasket
Fluoro rubber(Max. 120ºC)
Chloroprene rubber(CR)
(Max. 80ºC)
Ethylene-propylene rubber(EPDM)
(Max. 80ºC)
・The maximum fluid temperature for each
gasket material may vary depending on usage
and ambient conditions.
Mounting plate A5052(White alumite)
Cover
Transparent PVC
Process Connection
Rc
: 1/4" (Standard), 1/8"
NPT : 1/4", 1/8"
SW : 1/4" or equivalent, 3/8" or equivalent
VCR : 1/4" or equivalent, 3/8" or equivalent
Standard cleaning
Degrease treatment (Ultrasonic cleaning)
Non-water treatment
Mounting
Lock nut mount on the panel front
Mass
Approx. 0.28kg(P-881)
ALARM CONTACT AND OUTPUT
Type
Availability
Reed switch type alarm unit
General
×
UL-approved
×
PAU optical alarm unit
×
For CE approval, refer to "Index & Quick Reference for P Series
Purgemeters" (TG-S0001).
STANDARD FLOW RATE TABLE
When the fluid pressure is other than 0 MPa, refer to "Index & Quick Reference for P Series
Purgemeters" (TG-S0001).
Air (0ºC, 0 MPa)
0.15 to 1.5 mL/min
(nor)
40 to 400 mL/min
(nor)
0.5 to 5
mL/min
(nor)
60 to 600 mL/min
(nor)
0.6 to 6
mL/min
(nor)
80 to 800 mL/min
(nor)
0.8 to 8
mL/min
(nor)
0.1 to 1
L/min
(nor)
1 to 10 mL/min
(nor)
0.4 to 4
L/min
(nor)
2 to 20 mL/min
(nor)
0.6 to 6
L/min
(nor)
4 to 40 mL/min
(nor)
0.8 to 8
L/min
(nor)
6 to 60 mL/min
(nor)
1 to 10
L/min
(nor)
8 to 80 mL/min
(nor)
2 to 20
L/min
(nor)
10 to 100 mL/min
(nor)
4 to 40
L/min
(nor)
20 to 200 mL/min
(nor)
6 to 60
L/min
(nor)
Other flow rate specifications are available. Contact us for details.
BASIC MODEL CODE
Model Code
Descriptions
P-88
□ — □ □ 0 — 6 □ — □ □
Face-to-face
dimension
1
115 mm
2
130 mm
3
145 mm
Z
Special
Valve position
— 0
Not provided
— L
Inlet
— U
Outlet
Valve color
N
Select this code for without a valve
B
Blue (Standard)
G
Green
S
Silver
Y
Yellow
O
Orange
Alarm output
0
Not provided
Wetted parts material
— 6
SCS14 / SUS316
Gasket material
F
Fluoro rubber (Standard)
C
Chloroprene rubber (CR)
E
Ethylene-propylene rubber (EPDM)
Z
Special
Process connection
— R
1
Rc 1/8
2
Rc 1/4(Standard)
— N
1
1/8 NPT
2
1/4 NPT
— S
2
1/4 SW or equivalent
3
3/8 SW or equivalent
— V
2 1/4 VCR or equivalent
(Male connector)
3 3/8 VCR or equivalent
(Male connector)
A purgemeter for measuring micro flow rates of gases
P-880
Purgemeter
TG-F2502-E00
Jun 2024
1st edition
K


Similar Part No. - P-882-LN0-6F-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-8 ETC-P-8 Datasheet
97Kb / 1P
PARALLEL
logo
JST Mfg. Co., Ltd.
P-8 JST-P-8 Datasheet
97Kb / 1P
Solderless splices PARALLEL
logo
3M Electronics
P-8-0 3M-P-8-0 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Each End
21-May-2002
logo
Pomona Electronics
P-8-0 POMONA-P-8-0 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Stacking Pin Tip Plug,
5/21/02
logo
3M Electronics
P-8-2 3M-P-8-2 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Each End
21-May-2002
More results

Similar Description - P-882-LN0-6F-R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1210 TTELEC-DS1210 Datasheet
488Kb / 4P
Platon Armoured Purgemeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com