Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9356-RDS3T Datasheet(PDF) 7 Page - STMicroelectronics

Part # M9356-RDS3T
Description  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M9356-RDS3T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M9356-RDS3T Datasheet HTML 3Page - STMicroelectronics M9356-RDS3T Datasheet HTML 4Page - STMicroelectronics M9356-RDS3T Datasheet HTML 5Page - STMicroelectronics M9356-RDS3T Datasheet HTML 6Page - STMicroelectronics M9356-RDS3T Datasheet HTML 7Page - STMicroelectronics M9356-RDS3T Datasheet HTML 8Page - STMicroelectronics M9356-RDS3T Datasheet HTML 9Page - STMicroelectronics M9356-RDS3T Datasheet HTML 10Page - STMicroelectronics M9356-RDS3T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7/34
M93S66, M93S56, M93S46
Table 3. Instruction Set for the M93S66, M93S56
Note: 1. X = Don’t Care bit.
2. Address bit A7 is not decoded by the M93S56.
Instruction
Description
W
PRE
Start
bit
Op-
Code
Address1,2
Data
Required
Clock
Cycles
Additional
Comments
READ
Read Data
from Memory
X
0
1
10
A7-A0
Q15-Q0
WRITE
Write Data to
Memory
1
0
1
01
A7-A0
D15-D0
27
Write is executed if
the address is not
inside the
Protected area
PAWRITE
Page Write to
Memory
10
1
11
A7-A0
N x
D15-D0
11 + N x 16
Write is executed if
all the N
addresses are not
inside the
Protected area
WRAL
Write All
Memory
with same
Data
1
0
1
00
01XXXXXX
D15-D0
27
Write all data if the
Protection
Register is cleared
WEN
Write Enable
1
0
1
00
11XXXXXX
11
WDS
Write Disable
X
0
1
00
00XXXXXX
11
PRREAD
Protection
Register Read
X
1
1
10
XXXXXXXX
Q7-Q0
+ Flag
Data Output =
Protection
Register content +
Protection Flag bit
PRWRITE
Protection
Register Write
11
1
01
A7-A0
11
Data above
specified address
A7-A0 are
protected
PRCLEAR
Protection
Register Clear
1
1
1
11
11111111
11
Protect Flag is also
cleared (cleared
Flag = 1)
PREN
Protection
Register
Enable
1
1
1
00
11XXXXXX
11
PRDS
Protection
Register
Disable
1
1
1
00
00000000
11
OTP bit is set
permanently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com