Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-539-0A-6N-R3 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # P-539-0A-6N-R3
Description  Purgemeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-539-0A-6N-R3 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  P-539-0A-6N-R3 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-539-0A-6N-R3 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TG-F2500-E00
P-530 Purgemeter
2
TOKYO KEISO CO., LTD.
● Standard type
P - 530- L0- 4N - R3
■ Screw mounting on the panel front
■ Valve at the inlet
Panel cut
2-M3
Depth 5
2‒D
2‒φ
H
L
● Panel cut dimension
Connection size
Diameter (mm)
Rear dimension (mm)
D
H
L
Rc3/8
25
23.5
3/8NPT
25
23.5
Rc1/2
25
28.5
1/2NPT
25
28.5
3/8SW
25
(30.9)
1/2SW
25
(32.8)
3/8VCR
29
(34.5)
1/2VCR
29
(34.5)
Note : Use non-magnetic material for the panel when the alarm output
code is one of A to D.
● Reed switch alarm type
P - 530 - UA - 4N - R3
■ Screw mounting on the panel front
■ Valve at the outlet
Panel cut
2-M3
Depth 5
2‒D
2‒φ
H
L
● Standard material
Parts name
Standard material
Available material
Body
○ SUS304
SUS316
Tapered tube
○ Heat-resistant glass
−
Float
○ SUS304
SUS316
Gasket
○ Nitrile rubber
Fluoro rubber,
Chloroprene rubber
(CR), Ethylene-
propylene rubber
(EPDM)
Float rod
○ SUS316
−
Float stopper
○ POM
−
Valve
○ SUS304
SUS316
Fitting
○ SUS304
SUS316
Mounting board
Aluminum
−
Cover
Acryl
−
Parts marked“○”come in contact with the measuring fluid.
· SUS316 may be used instead of SUS304 due to production reasons.
· ASTM or AISI materials equivalent to JIS materials may be used due
to production reasons.
Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specication is subject to change without notice.
ORDERING INFORMATION
Basic model code
Items to be specified
P-53□-□□-□□-□□
①
②
③
④
⑤
⑥
Fluid name − Flow range − Press. − Temp. − Mounting option − Other options
(Select in the model code table.)
(Refer to "Index & Quick Reference for P Series Purgemeters" (TG-S0001).)
DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com