Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-620-U0-4C-RZ Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # P-620-U0-4C-RZ
Description  Purgemeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-620-U0-4C-RZ Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  P-620-U0-4C-RZ Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-620-U0-4C-RZ Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TG-F2705-E00
P-620 Purgemeter
2
TOKYO KEISO CO., LTD.
● Standard type
P - 620 - U0 -□ N -□□
■ Screw mounting on the panel front
■ Valve at the outlet
o
s
28
(MAX.36)
36
L
2-D
OUT
→
OUT
2-M4
(
D6)
IN
←
Panel cut
● Standard material
Parts name
Standard material
Available material
Body, Tapered tube ○ Acryl
−
Gasket
○ Nitrile rubber (NBR)
Fluoro rubber,
Chloroprene rubber
(CR)
Float*
○ SUS304,SUS316,PVC
−
Cap
○ C3604
SUS304,SUS316
Valve body
○ C3604
SUS304,SUS316
Valve needle
○ SUS304
SUS316
Fitting
○ C3604
SUS304,SUS316
Scale plate
Acryl
−
Parts marked“○”come in contact with the measuring fluid.
*
We will select a proper material for your application.
· SUS316 may be used instead of SUS304 due to production reasons.
· ASTM or AISI materials equivalent to JIS materials may be used due to
production reasons.
● Reed switch alarm type
P - 620 - U □-□□-□□
■ Screw mounting on the panel front
■ Valve at the outlet
①
②
③
④
⑨
⑤
⑥
⑦
⑧
Panel cut
2-D
28
(MAX.36)
36
L
OUT
IN
Panel
2-M4(D6)
2-φ
5
4
18
OPEN
SHUT
KY
O KEI
Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specication is subject to change without notice.
ORDERING INFORMATION
Basic model code
Items to be specified
P-620- □□ - □□ - □□
①
②
③
④
⑤
⑥
Fluid name − Flow range − Press. − Temp. − Mounting option − Other options
(Select in the model code table.)
(Refer to "Index & Quick Reference for P Series Purgemeters" (TG-S0001).)
DIMENSIONS
● Panel cut dimension
Conneection size
Diameter(mm)
Rear(mm)
D
H
L
Rc3/8
27
20
3/8NPT
27
20
3/8SW
22
(30)
Note: Use non-magnetic material for the panel when the alarm
output code is one of A to D.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com