Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-539-LO-6N-R3 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # P-539-LO-6N-R3
Description  Purgemeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-539-LO-6N-R3 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  P-539-LO-6N-R3 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-539-LO-6N-R3 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE
The P-530, more compact than the P-510, is a purgemeter for medium
to large flow rates. Swagelok or VCR connection is available.
MAJOR APPLICATIONS
General purpose (large flow rate)
STANDARD SPECIFICATIONS
Measuring fluid
Gases
Liquids
Measuring range
Air
Min. 10 to 50 L/min(nor)
Max. 50 to 250 L/min(nor)
Water Min. 0.2 to 2 L/min
Max. 1 to 10 L/min
・When selecting a flow range, refer to "Index & Quick
Reference for P Series Purgemeters" (TG-S0001).
・When selecting a flow range, refer to the standard
flow rate table.
Range ability
10:1 for liquids
10:2 for gases
Indication accuracy
±5% F.S.
Fluid pressure
Max. 0.8 Mpa
Select the P-510 if the differential pressure is 0.05 MPa
or less.
Fluid temperature
Max. 120℃ (Depends on the gasket material)
Material
Wetted parts
SUS304, SUS316
Tapered tube
Heat-resistant glass
Gasket
Nitrile rubber (NBR)(Max.80℃)
Chloroprene rubber(CR)(Max.80℃)
Fluoro rubber (Max.120ºC)
Ethylene-propylene rubber (EPDM)(Max.80℃)
・The maximum fluid temperature for each gasket
material may vary depending on usage and ambient
conditions.
Support
Aluminum
Cover
Acryl
Process Connection
Rc
: 3/8"(Standard), 1/2"
NPT : 3/8", 1/2"
SW : 3/8", 1/2"
VCR : 3/8", 1/2"
Mounting
Screw mount on the panel front (Standard)
Bezel installation or panel-rear installation can be
specified.
Panel embedded mounting
Mass
approx. 0.6kg
ALARM CONTACT AND OUTPUT
Type
Availability
Reed switch alarm
General
×
UL-approved
○
PAU optical alarm unit
×
For CE approval, refer to "Index & Quick Reference for P Series Purgemeters" (TG-
S0001).
STANDARD FLOW RATE TABLE
When the fluid pressure is other than 0 MPa, refer to "Index & Quick Reference for P
Series Purgemeters" (TG-S0001).
For alarm output code of 0
For alarm output codes of A to D
Air (0ºC, 0
MPa)
Water
Air (0ºC, 0
MPa)
Alarm setting
range
Water
Alarm setting
range
10 to 50
L/min(nor) 0.2 to 2 L/min
20 to 100
L/min(nor) 0.3 to 3 L/min
20 to 100
L/min(nor)
20 to 80
L/min(nor) 0.3 to 3 L/min
0.6 to 2.4 L/min
40 to 200
L/min(nor) 0.5 to 5 L/min
40 to 200
L/min(nor)
40 to 160
L/min(nor) 0.5 to 5 L/min 1 to 4 L/min
50 to 250
L/min(nor) 1 to 10 L/min
50 to 250
L/min(nor)
50 to 200
L/min(nor) 1 to 10 L/min 2 to 8 L/min
Although other flow rate specifications are available, some flow ranges need to be
changed. Contact us for details.
BASIC MODEL CODE
Model Code
Descriptions
Notes
P-53
□ – □ □ – □ □ – □ □
Flow
direction
0
Bottom rear
→ Top rear
(Standard)
Select this
code for normal
conditions.
9
Special
Valve
– 0
Not provided
Refer to "Index &
Quick Reference
for P Series
Purgemeters"
(TG-S0001).
– L
Inlet (gas for
atmospheric
pressure scale)
– U
Outlet (gas for
pressure scale or
for negative
pressure on the
secondary side)
– Z
Special
Alarm output
0
Not provided
Refer to "Index &
Quick Reference
for P Series
Purgemeters"
(TG-S0001).
A
Reed switch (LO)
B
Reed switch (LC)
C
Reed switch (HO)
D
Reed switch (HC)
Z
Special
Wetted parts material
– 4
SUS304
(Standard)
– 6
SUS316
– Z
Special
Gasket material
N
Nitrile rubber
(NBR)(Standard)
C
Chloroprene
rubber (CR)
Select this code
for ammonia gas.
F
Fluoro rubber
E
Ethylene-
propylene rubber
(EPDM)
Z
Special
Process connection type
– R
Rc(Standard) Screw mounting
on the panel
front.
Bezel mounting
can be specified,
For other
mounting options,
Refer to "Index &
Quick Reference
for P Series
Purgemeters"
(TG-S0001).
– N
NPT female
– S
SW
– V
VCR
(Male connector)
– Z
Special
Process connection size
3 3/8"(Standard)
4 1/2"
Z Special
OTHER AVAILABLE OPTIONS
You can specify the following options:
Length of reed switch lead wire, double graduations, special graduations,
etc. For details, refer to "Index & Quick Reference for P Series
Purgemeters" (TG-S0001).
Compact purgemeter for measuring medium to large
flow rates of gases and liquids
P-530
Purgemeter
TG-F2500-E00
Jun 2024
1st edition
K


Similar Part No. - P-539-LO-6N-R3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-5-50-0-CMC ETC-P-5-50-0-CMC Datasheet
209Kb / 2P
Cable Harnessing Accessories
26/05/05 V1.0
logo
Pro-Power
P-5-50-0-CMC PROPOWER-P-5-50-0-CMC Datasheet
209Kb / 2P
Cable Harnessing Accessories
26/05/05 V1.0
logo
List of Unclassifed Man...
P-5-50-9-CMC ETC-P-5-50-9-CMC Datasheet
209Kb / 2P
Cable Harnessing Accessories
26/05/05 V1.0
logo
Pro-Power
P-5-50-9-CMC PROPOWER-P-5-50-9-CMC Datasheet
209Kb / 2P
Cable Harnessing Accessories
26/05/05 V1.0
logo
List of Unclassifed Man...
P-5.5 ETC-P-5.5 Datasheet
97Kb / 1P
PARALLEL
More results

Similar Description - P-539-LO-6N-R3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1210 TTELEC-DS1210 Datasheet
488Kb / 4P
Platon Armoured Purgemeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com