Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-813-1E-EF-R2 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # P-813-1E-EF-R2
Description  Purgemeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-813-1E-EF-R2 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  P-813-1E-EF-R2 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-813-1E-EF-R2 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TG-F2412-E01
P-810 Purgemeter
2
TOKYO KEISO CO., LTD.
● Standard type
P -813- 10 - 6F - R2
■ Lock nut mounting on the panel front
■ Valve at the outlet (bellows valve)
● Bezel mounting type
P -813- 00 - 6F - S2
■ Bezel mounting (Mounting option code: D)
■ Without a valve
Panel cut
For 4-M4
(Countersink)
Panel
Nut
Ferrule
Welding
Panel cut size
Connection size
Diameter (d) (mm)
Rear length L (mm)
Rc1/8,1/8NPT
16
(20.5)
Rc1/4,1/4NPT
22
(20.5)
1/4 SW
16
(28)
3/8 SW
22
(30)
1/4 VCR
22
(30)
3/8 VCR
32
(34.5)
● Standard type
P -813-40 - 6F - S2
■ Lock nut mounting on the panel front
■ Valve at the inlet (needle valve)
Dimension table
Model
Dimension (mm)
L1
L2
L3
L4
L5
P-813
249
224
254
265
280
● Standard material
Parts name
Standard material
Available material
Body
○ SCS14
SUS316
Tapered
tube
○ Heat-resistant glass
−
Float*
○ SUS316, Glass, Ruby
−
Packing
○ Fluoro rubber
Chloroprene rubber (CR)
Packing
press
○ SUS316
−
Fitting
○ SUS316
−
Valve
○ SUS316
−
Mounting
plate
SUS304
−
Cover
Transparent PVC
−
Parts marked“○”come in contact with the measuring fluid.
*
We will select a proper material for your application.
· SUS316 may be used instead of SUS304 due to production reasons.
· ASTM or AISI materials equivalent to JIS materials may be used due to
production reasons.
DIMENSIONS
Panel cut
Panel cut
Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specication is subject to change without notice.
ORDERING INFORMATION
Basic model code
Items to be specified
P-813- □□ - □□ - □□
①
②
③
④
⑤
⑥
Fluid name − Flow range − Press. − Temp. − Mounting option − Other options
(Select in the model code table.)
(Refer to "Index & Quick Reference for P Series Purgemeters" (TG-S0001).)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com