Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1813 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # ST1813
Description  RF Load 1 Watts To 18 GHz Passivated Stainless Steel SMA Male
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST1813 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  ST1813 Datasheet HTML 1Page - Infinite Electronics International, Inc. ST1813 Datasheet HTML 2Page - Infinite Electronics International, Inc. ST1813 Datasheet HTML 3Page - Infinite Electronics International, Inc. ST1813 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
Material Specifications
.
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
MIL-G-45204
.
Insulation
PTFE
Body
Passivated Stainless Steel
ATSM-A380
.
Coupling Nut
Passivated Stainless Steel
ATSM-A380
.
Housing
Passivated Stainless Steel
ATSM-A380
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (visit www.FairviewMicrowave.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
ST1813
DATA SHEET
REV 3.0 Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com