Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1117 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS1117
Description  1A Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1117 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS1117 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1117 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1117 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1117 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1117 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1117 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1117 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1117 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1117 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AMS1117
1A Low Dropout Voltage Regulator
09/14/2012
www.advanced-monolithic.com
Phone (925) 443-0722
2
Fax (925) 443-0723
Pin Description (SOT223 and TO- 252 Package)
Pin #
Symbol
Description
1
ADJ / GND
Adjust Voltage: This pin is the inverting input of the error amplifier. This allows the
user to setup the output voltage by using two resistors. For fixed versions of
AMS1117, this pin is connected to GND.
2
VOUT
Output: This is the power output of the device.
3
VIN
Input Supply Voltage: The pin powers the internal control circuitry and the internal
power switch. Bypass VIN with at ceramic capacitor from this pin to ground.
Pin Configuration
SOT252-3L (Top View)
SOT223-3L (Top View)
Pin Description (8L SOIC Package)
Pin #
Symbol
Description
1
ADJ / GND
Adjust Voltage: This pin is the inverting input of the error amplifier. This allows the
user to setup the output voltage by using two resistors. For fixed versions of
AMS1117, this pin is connected to GND.
2, 3, 6,7
VOUT
Output: This is the power output of the device.
4
VIN
Input Supply Voltage: The pin powers the internal control circuitry and the internal
power switch. Bypass VIN with at ceramic capacitor from this pin to ground.
5
N/C
Not connect
8
N/C
Not connect
Pin Configuration
8L SOIC (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com