Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 6 Page - ams AG

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600 Datasheet(HTML) 6 Page - ams AG

Back Button AS5600 Datasheet HTML 2Page - ams AG AS5600 Datasheet HTML 3Page - ams AG AS5600 Datasheet HTML 4Page - ams AG AS5600 Datasheet HTML 5Page - ams AG AS5600 Datasheet HTML 6Page - ams AG AS5600 Datasheet HTML 7Page - ams AG AS5600 Datasheet HTML 8Page - ams AG AS5600 Datasheet HTML 9Page - ams AG AS5600 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − Electrical Characteristics
Digital Inputs and Outputs
Figure 7:
Digital Input and Output Characteristics
Analog Output
Figure 8:
Analog Output Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V_IH
High-level input voltage
0.7 × VDD
V
V_IL
Low-level input voltage
0.3 × VDD
V
V_OH
High-level output voltage
VDD - 0.5
V
V_OL
Low-level output voltage
0.4
V
I_LKG
Leakage current
±1
μA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INL_DAC
DAC integral-non-linearity
electrical specification
±5
LSB
DNL_DAC
DAC differential-non-linearity
electrical specification
±1
LSB
ROUT_FD
Output resistive load
0 to VDD output
100
kΩ
ROUT_PD
Output resistive load
10% to 90% output
10
kΩ
COUT
Output capacitive load
1
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com