Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOT Datasheet(PDF) 1 Page - ams AG

Part # AS5600-ASOT
Description  12-Bit Programmable Contactless Potentiometer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600-ASOT Datasheet(HTML) 1 Page - ams AG

  AS5600-ASOT Datasheet HTML 1Page - ams AG AS5600-ASOT Datasheet HTML 2Page - ams AG AS5600-ASOT Datasheet HTML 3Page - ams AG AS5600-ASOT Datasheet HTML 4Page - ams AG AS5600-ASOT Datasheet HTML 5Page - ams AG AS5600-ASOT Datasheet HTML 6Page - ams AG AS5600-ASOT Datasheet HTML 7Page - ams AG AS5600-ASOT Datasheet HTML 8Page - ams AG AS5600-ASOT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
ams Datasheet
Page 1
[v1-06] 2018-Jun-20
Document Feedback
AS5600
12-Bit Programmable Contactless
Potentiometer
The AS5600 is an easy to program magnetic rotary position
sensor with a high-resolution 12-bit analog or PWM output. This
contactless system measures the absolute angle of a diametric
magnetized on-axis magnet. This AS5600 is designed for
contactless potentiometer applications and its robust design
eliminates the influence of any homogenous external stray
magnetic fields.
The industry-standard I²C interface supports simple user
programming of non-volatile parameters without requiring a
dedicated programmer.
By default the output represents a range from 0 to 360 degrees.
It is also possible to define a smaller range to the output by
programming a zero angle (start position) and a maximum
angle (stop position).
The AS5600 is also equipped with a smart low power mode
feature to automatically reduce the power consumption.
An input pin (DIR) selects the polarity of the output with regard
to rotation direction. If DIR is connected to ground, the output
value increases with clockwise rotation. If DIR is connected to
VDD, the output value increases with counterclockwise
rotation.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS5600, 12-bit Programmable
Contactless Potentiometer are listed below:
Figure 1:
Added Value of Using AS5600
Benefits
Features
• Highest reliability and durability
• Contactless angle measurement
• Simple programming
• Simple user-programmable start and stop positions over the I²C
interface
• Great flexibility on angular excursion
• Maximum angle programmable from 18° up to 360°
• High-resolution output signal
• 12-bit DAC output resolution
• Selectable output
• Analog output ratiometric to VDD or PWM-encoded digital
output
General Description


Similar Part No. - AS5600-ASOT

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS5600-ASOT OSRAM-AS5600-ASOT Datasheet
1Mb / 44P
12-Bit Programmable Contactless Potentiometer
2018-Jun-20
More results

Similar Description - AS5600-ASOT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FP310L100 SIEMENS-FP310L100 Datasheet
68Kb / 2P
Contactless Potentiometer
FP312L100 SIEMENS-FP312L100 Datasheet
88Kb / 2P
Contactless Potentiometer
logo
Data Delay Devices, Inc...
3D3608 DATADELAY-3D3608 Datasheet
350Kb / 7P
8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6010 AVAGO-AEAT-6010_11 Datasheet
112Kb / 7P
10 or 12 bit Angular Detection Device Contactless sensing technologies
logo
ams AG
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5600 AMSCO-AS5600 Datasheet
708Kb / 42P
12-bit Programmable Contactless Potentiometer
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
logo
OSRAM GmbH
AS5600 OSRAM-AS5600 Datasheet
1Mb / 44P
12-Bit Programmable Contactless Potentiometer
2018-Jun-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com