| Electronic Components Datasheet Search |
|
AS5600-ASOM Datasheet(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5600-ASOM Datasheet(HTML) 21 Page - ams AG |
|
21 / 43 page ![]() ams Datasheet Page 21 [v1-06] 2018-Jun-20 Document Feedback AS5600 − Register Description Burn_Angle Command (ZPOS, MPOS) The host microcontroller can perform a permanent programming of ZPOS and MPOS with a BURN_ANGLE command. To perform a BURN_ANGLE command, write the value 0x80 into register 0xFF. The BURN_ANGLE command can be executed up to 3 times. ZMCO shows how many times ZPOS and MPOS have been permanently written. This command may only be executed if the presence of the magnet is detected (MD = 1). Burn_Setting Command (MANG, CONFIG) The host microcontroller can perform a permanent writing of MANG and CONFIG with a BURN_SETTING command. To perform a BURN_SETTING command, write the value 0x40 into register 0xFF. MANG can be written only if ZPOS and MPOS have never been permanently written (ZMCO = 00). The BURN_ SETTING command can be performed only one time. Angle Programming For applications which do not use the full 0 to 360 degree angular range, the output resolution can be enhanced by programming the range which is actually used. In this case, the full resolution of the output is automatically scaled to the programmed angular range. The angular range must be greater than 18 degrees. The range is specified by programming a start position (ZPOS) and either a stop position (MPOS) or the size of the angular range (MANG). The BURN_ANGLE command can be executed up to 3 times. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |