Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4351VC3 Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # NJW4351VC3
Description  Unipolar Stepper Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW4351VC3 Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  NJW4351VC3 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJW4351VC3 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJW4351VC3 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJW4351VC3 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJW4351VC3 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJW4351VC3 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJW4351VC3 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJW4351VC3 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJW4351VC3 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NJW4351
- 3 -
ABSOLUTE MAXIMUM RATINGS
(Ta=25 C)
(*1): Mounted on glass epoxy board based on EIA/JEDEC. (114.3x76.2x1.6mm: 2Layers/4Layers)
RECOMMENDED OPERATING CONDITIONS
(Ta=25 C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Logic Supply Voltage
VDD
2.7
3.3
5.5
V
Output Current
Io
VDD=5V
-
500
-
mA
VDD=3.3V
-
-
500
mA
PARAMETER
SYMBOL
RATINGS
UNIT
Logic Supply Voltage
VDD
7
V
VDD PIN
Motor Output Voltage
VO
55
V
OUT1A/1B/2A/2B PIN
Logic Input Voltage
VIN
7
V
STEP, DIR, HSM, RESET,
ENABLE, PD PIN
ALARM Output Voltage
VALARM
7
V
ALARM PIN
MO Output Voltage
VMO
7
V
MO PIN
Output Current
Io
1.5
A
OUT1A/1B/2A/2B PIN
ALARM Output Current
IALARM
20
mA
ALARM PIN
MO Output Current
IMO
20
mA
MO PIN
Operating Temperature
Topr
-40 to +85
C
-
Junction Temperature
Tj
-40 to +150
C
-
Storage Temperature
Tstg
-50 to +150
C
-
Power Dissipation
(SSOP20-C3)
PD
1.0
W
(*1) Mounted on 2Layers PCB
1.5
W
(*1) Mounted on 4Layers PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com