Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC81450M Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSC81450M
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC81450M Datasheet(HTML) 1 Page - STMicroelectronics

  MSC81450M Datasheet HTML 1Page - STMicroelectronics MSC81450M Datasheet HTML 2Page - STMicroelectronics MSC81450M Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
. 400 x .500 2LF L (S038)
hermetically sealed
.
REFRACTORY\GOLD METALLIZATION
.
RUGGEDIZED VSWR 25:1
.
INTERNAL INPUT/OUTPUT MATCHING
.
LOW THERMAL RESISTANCE
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 450 W MIN. WITH 7.0 dB GAIN
DESCRIPTION
The MSC81450M device is a high power pulsed
transistor specifically designed for IFF avionics
applications.
This device is capable of withstanding a minimum
25:1 load mismatch at any phase angle under full
rated conditions.
The MSC81450M is housed in the unique BIG-
PAC
™ package with internal input/output match-
ing structures.
PIN CONNECTION
BRANDING
81450M
ORDER CODE
MSC81450M
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
910
W
IC
Device Current*
28
A
VCC
Collector-Supply Voltage*
55
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.15
°C/W
*Applies only to rated RF amplifier operation
MSC81450M
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA


Similar Part No. - MSC81450M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81402 STMICROELECTRONICS-MSC81402 Datasheet
41Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIERS APPLICATIONS
Oct-1992
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144E FREESCALE-MSC8144E Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
More results

Similar Description - MSC81450M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com