Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1475813 Datasheet(PDF) 1 Page - Pro-Power

Part # 1475813
Description  Gland Klikseal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

1475813 Datasheet(HTML) 1 Page - Pro-Power

  1475813 Datasheet HTML 1Page - Pro-Power 1475813 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.1
12/07/23
Gland Klikseal
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Integrated tension relief, wide sealing range
•  Suitable for holes in materials of 1.5mm to 5mm thickness
•  Quick and simple assembly without the use of tools
•  Halogen-free
•  IP65 rated
Size For Cable / Pipe
Ø
Tension Relief
for cable Ø
Hole Size Wall Thickness
Wall Thickness
for IP67
Anchorage Type A
for Cable Ø
M20
4 to 11
6 to 11
20.5
1.5 to 5
2 to 5
7 to 11
M25
4 to 14
6 to 13
25.5
1.5 to 5
2 to 5
7 to 13*
* 8.1 to 8.9mm only approved for tension relief
Dimensions : Millimetres
Dimensions : Millimetres
Dimensions : Millimetres
Size
L1
L2
L3
SW
M20
20
5.7
4
29.3
M25
5
34.3
Tolerance
0 to 6
±0.2
6 to 18
±0.3
18 to 30
±0.4
30 to 50
±0.5
50 to 80
±0.6
80 to 120
±0.7
120 to 250
±0.8
Diagram


Similar Part No. - 1475813

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1475810000 WEIDMULLER-1475810000 Datasheet
474Kb / 7P
BLZP 5.08HC/08/180 SN RD BX
More results

Similar Description - 1475813

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5808253 ALTECH-5808253 Datasheet
184Kb / 2P
Cable Gland
logo
Tyco Electronics
2-1106006-9 MACOM-2-1106006-9 Datasheet
59Kb / 1P
GLAND FITTING
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
NYLON CABLE GLAND
logo
TT Electronics.
DS3106 TTELEC-DS3106 Datasheet
277Kb / 1P
Thermocouple Compression Gland
logo
TE Connectivity Ltd
C-T360XXXXXXX000 TEC-C-T360XXXXXXX000 Datasheet
465Kb / 1P
METAL CABLE GLAND
logo
PHOENIX CONTACT
1607018 PHOENIX-1607018 Datasheet
46Kb / 2P
Cable gland - RC-Z2414
1607019 PHOENIX-1607019 Datasheet
46Kb / 2P
Cable gland - RC-Z2417
logo
FIBOX Enclosing innovat...
3545083 FIBOX-3545083 Datasheet
160Kb / 2P
EPDM Cable gland M32
16.08.2023
3545090 FIBOX-3545090 Datasheet
145Kb / 2P
Chloroprene Cable gland M20
16.08.2023
3545091 FIBOX-3545091 Datasheet
395Kb / 2P
Chloroprene Cable gland PG16
16.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com