Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2075111 Datasheet(PDF) 3 Page - Pro-Power

Part # 2075111
Description  2-Part Cable Labelling System Laser Printable Labels and Carrier Tubing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

2075111 Datasheet(HTML) 3 Page - Pro-Power

  2075111 Datasheet HTML 1Page - Pro-Power 2075111 Datasheet HTML 2Page - Pro-Power 2075111 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <3>
V1.0
08/03/19
2-Part Cable Labelling System
Laser Printable Labels and Carrier Tubing
Product Testing
Test
Method
Moisture Resistance
MIL-STD-202G Method 106G
Low Temperature 72 hours @ -40°C
MIL-STD-810F Method 502.4
High Temperature 500 hours @ 70°C MIL-STD-202G Method 108A
Hydrogen Sulphide
H2S Sour Gas Exposure (2% H2S)
UV Weathering 500 hours*
ISO 4982 Part 3 Method A Cycle 1
Salt Mist Spray
IEC60068-2-52 Test Kb Salt Mist (Cyclic)
* Limited external applications generally away from direct sunlight but may be suitable in control boxes etc. Labels generally
for internal use such as, control rooms, power stations, substations etc.
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
Part Number
Labels, White, 5mm × 20mm, 75/Sheet, PK 10
2075105
Labels, White, 5mm × 30mm, 45/Sheet, PK 10
2075107
Labels, White, 5mm × 50mm, 38/Sheet, PK 10
2075108
Carrier Tubing, 1.2 - 2.5mm, 20mm, PK 500
2075109
Carrier Tubing, 1.2 - 2.5mm, 30mm, PK 500
2075110
Carrier Tubing, 1.2 - 2.5mm, 50mm, PK 500
2075111
Carrier Tubing, 2.5 - 4mm, 20mm, PK 500
2075112
Carrier Tubing, 2.5 - 4mm, 30mm, PK 500
2075113
Carrier Tubing, 2.5 - 4mm, 50mm, PK 500
2075114
Carrier Tubing, 3 - 5mm, 20mm, PK 500
2075115
Carrier Tubing, 3 - 5mm, 30mm, PK 500
2075116
Carrier Tubing, 3 - 5mm, 50mm, PK 500
2075117
Carrier Tubing, 4-7mm, 20mm, PK 500
2075119
Carrier Tubing, 4-7mm, 30mm, PK 500
2075120
Carrier Tubing, 4-7mm, 50mm, PK 500
2075121



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com