Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

251/97/93W Datasheet(PDF) 2 Page - Pro-Power

Part # 251/97/93W
Description  Metric Cable Glands With Locknut and Sealing Washer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

251/97/93W Datasheet(HTML) 2 Page - Pro-Power

  251/97/93W Datasheet HTML 1Page - Pro-Power 251/97/93W Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.3
13/10/17
Metric Cable Glands
With Locknut and Sealing Washer
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
Part Number
Miniature Metric Cable Gland with Locknut and Sealing Washer, Black, M13
241/69/79B
Standard Metric Cable Gland with Locknut and Sealing Washer, Black, M16 250/92/96-B
Standard Metric Cable Gland with Locknut and Sealing Washer, Black, M20
252/97/93B
Standard Metric Cable Gland with Locknut and Sealing Washer, Black, M20
249/97/93B
Standard Metric Cable Gland with Locknut and Sealing Washer, Black, M20
251/97/93B
Miniature Metric Cable Gland with Locknut and Sealing Washer, White, M13 241/69/79W
Standard Metric Cable Gland with Locknut and Sealing Washer, White, M20 249/97/93W
Standard Metric Cable Gland with Locknut and Sealing Washer, White, M16 250/92/96-W
Standard Metric Cable Gland with Locknut and Sealing Washer, White, M20 251/97/93W
Standard Metric Cable Gland with Locknut and Sealing Washer, White, M20 252/97/93W
Sealing Washer
Metric Thread
Size
Outer Ø
Inner Ø
Thickness
Material
Colour
M13
17.5
13
1
Vulcanised Fibre
Black
M16
22
16
1.7
Polyamide 6.6
White
M20
26
20
1.7
Dimensions : Millimetres
Sealing Washer Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com