Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-E63C Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LB-E63C
Description  Power TOPLED® Lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-E63C Datasheet(HTML) 2 Page - ams-OSRAM AG

  LB-E63C Datasheet HTML 1Page - ams-OSRAM AG LB-E63C Datasheet HTML 2Page - ams-OSRAM AG LB-E63C Datasheet HTML 3Page - ams-OSRAM AG LB-E63C Datasheet HTML 4Page - ams-OSRAM AG LB-E63C Datasheet HTML 5Page - ams-OSRAM AG LB-E63C Datasheet HTML 6Page - ams-OSRAM AG LB-E63C Datasheet HTML 7Page - ams-OSRAM AG LB-E63C Datasheet HTML 8Page - ams-OSRAM AG LB-E63C Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LB E63C
DATASHEET
DATASHEET
2 | Version 1.6 | 2022-08-03
Power TOPLED® Lens
LB E63C
PowerTOPLED with lens, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the LEDs are
ideal for rear light clusters and indicators on vehicles and for
display panels for traffic control systems.
Applications
- Automotive Aftermarket
- Static Signaling
Features
- Package: white PLCC-4 package, colorless clear resin
- Chip technology: InGaN
- Typ. Radiation: 60°
- Color: λ
dom = 469 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com