Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-Q39G Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LB-Q39G
Description  Chip LED 0603
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-Q39G Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LB-Q39G Datasheet HTML 2Page - ams-OSRAM AG LB-Q39G Datasheet HTML 3Page - ams-OSRAM AG LB-Q39G Datasheet HTML 4Page - ams-OSRAM AG LB-Q39G Datasheet HTML 5Page - ams-OSRAM AG LB-Q39G Datasheet HTML 6Page - ams-OSRAM AG LB-Q39G Datasheet HTML 7Page - ams-OSRAM AG LB-Q39G Datasheet HTML 8Page - ams-OSRAM AG LB-Q39G Datasheet HTML 9Page - ams-OSRAM AG LB-Q39G Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LB Q39G
DATASHEET
DATASHEET
6 | Version 1.11 | 2026-01-06
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 5 mA
I
F = 5 mA
I
F = 5 mA
min.
max.
typ.
I
v
I
v
Φ
V
N1
28.0 mcd
35.5 mcd
133.4 mlm
N2
35.5 mcd
45.0 mcd
169.1 mlm
P1
45.0 mcd
56.0 mcd
212.1 mlm
P2
56.0 mcd
71.0 mcd
266.7 mlm
Q1
71.0 mcd
90.0 mcd
338.1 mlm
Q2
90.0 mcd
112.0 mcd
424.2 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 5 mA
I
F = 5 mA
min.
max.
V
F
V
F
3X
2.60 V
2.70 V
3Y
2.70 V
2.80 V
3Z
2.80 V
2.90 V
4X
2.90 V
3.00 V
4Y
3.00 V
3.10 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
3
464 nm
468 nm
4
468 nm
472 nm
5
472 nm
476 nm
Group Name on Label
Example: N1-3-3X
Brightness
Wavelength
Forward Voltage
N1
3
3X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com