Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-W5SM Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LB-W5SM
Description  Golden DRAGON®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-W5SM Datasheet(HTML) 5 Page - ams-OSRAM AG

  LB-W5SM Datasheet HTML 1Page - ams-OSRAM AG LB-W5SM Datasheet HTML 2Page - ams-OSRAM AG LB-W5SM Datasheet HTML 3Page - ams-OSRAM AG LB-W5SM Datasheet HTML 4Page - ams-OSRAM AG LB-W5SM Datasheet HTML 5Page - ams-OSRAM AG LB-W5SM Datasheet HTML 6Page - ams-OSRAM AG LB-W5SM Datasheet HTML 7Page - ams-OSRAM AG LB-W5SM Datasheet HTML 8Page - ams-OSRAM AG LB-W5SM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LB W5SM
5 Version 1.6 | 2019-07-15
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 6)
I
F = 350 mA
I
F = 350 mA
I
F = 350 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
FZ
15 lm
18 lm
05 cd
GX
18 lm
21 lm
06 cd
GY
21 lm
24 lm
07 cd
GZ
24 lm
28 lm
09 cd
HX
28 lm
33 lm
10 cd
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 350 mA
I
F = 350 mA
min.
max.
λ
dom
λ
dom
3
464 nm
468 nm
4
468 nm
472 nm
5
472 nm
476 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com