Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB-M67C Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # LCB-M67C
Description  Mini TOPLED®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCB-M67C Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button LCB-M67C Datasheet HTML 8Page - ams-OSRAM AG LCB-M67C Datasheet HTML 9Page - ams-OSRAM AG LCB-M67C Datasheet HTML 10Page - ams-OSRAM AG LCB-M67C Datasheet HTML 11Page - ams-OSRAM AG LCB-M67C Datasheet HTML 12Page - ams-OSRAM AG LCB-M67C Datasheet HTML 13Page - ams-OSRAM AG LCB-M67C Datasheet HTML 14Page - ams-OSRAM AG LCB-M67C Datasheet HTML 15Page - ams-OSRAM AG LCB-M67C Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LCB M67C CoD blue IB
DATASHEET
DATASHEET
12 | Version 1.5 | 2022-08-04
Forward Voltage 7)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 10 mA
-40 -20 0 20 40 60 80 100 120
Tj [°C]
-0,20
-0,15
-0,10
-0,05
0,00
0,05
0,10
0,15
0,20
0,25
0,30
Relative Luminous Intensity 7)
I
v/Iv(25 °C) = f(Tj); IF = 10 mA
LCBM67C
-40-20
020406080 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Iv
Iv(25°C)
Chromaticity Coordinate Shift 7)
ΔCx, ΔCy = f(T
j); IF = 10 mA
LCB M67C
-40-20
020406080 100 120
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy
Measured for K Colorbins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com