Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB-M67S Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LCB-M67S
Description  Mini TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCB-M67S Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LCB-M67S Datasheet HTML 2Page - ams-OSRAM AG LCB-M67S Datasheet HTML 3Page - ams-OSRAM AG LCB-M67S Datasheet HTML 4Page - ams-OSRAM AG LCB-M67S Datasheet HTML 5Page - ams-OSRAM AG LCB-M67S Datasheet HTML 6Page - ams-OSRAM AG LCB-M67S Datasheet HTML 7Page - ams-OSRAM AG LCB-M67S Datasheet HTML 8Page - ams-OSRAM AG LCB-M67S Datasheet HTML 9Page - ams-OSRAM AG LCB-M67S Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LCB M67S CoD blue SB
DATASHEET
DATASHEET
6 | Version 1.10 | 2022-08-04
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity 1)
Luminous Flux 7)
I
F = 10 mA
I
F = 10 mA
I
F = 10 mA
min.
max.
typ.
I
v
I
v
Φ
V
N2
35.5 mcd
45.0 mcd
120.8 mlm
P1
45.0 mcd
56.0 mcd
151.5 mlm
P2
56.0 mcd
71.0 mcd
190.5 mlm
Q1
71.0 mcd
90.0 mcd
241.5 mlm
Q2
90.0 mcd
112.0 mcd
303.0 mlm
R1
112.0 mcd
140.0 mcd
378.0 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 10 mA
I
F = 10 mA
min.
max.
V
F
V
F
Z4
2.70 V
2.90 V
46
2.90 V
3.20 V
A4
3.20 V
3.40 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com