Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF-2000T Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # TF-2000T
Description  ALL-IN-ONE MINI THERMAL MASS FLO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

TF-2000T Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  TF-2000T Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. TF-2000T Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. TF-2000T Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. TF-2000T Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. TF-2000T Datasheet HTML 5Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TOKYO KEISO CO., LTD.
TG-F1153-E00
TF-2000T
ALL-IN-ONE MINI THERMAL MASS FLOWMETER
Full scale range (A•B) × 10C [m3/h (nor)]
Ex.) 30m3/h (nor) 300
400m3/h (nor) 401
750m3/h (nor) 751
Model code
Description
TF-2
TF-2211T
TF-2221T
TF-2421T
TF-2231T
TF-2431T
TF-2241T
TF-2441T
TF-2251T
T
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Type
2
4
1
2
3
4
5
020
030
050
080
100
150
200
300
500
800
101
121
151
201
251
301
401
501
601
801
102
ABC
4
6
04
06
15
20
25
32
40
50
65
80
R
L
U
D
P
S
F
1
Scale range
Output
Scale range [L/min (nor)]
Main material
SUS316 excluding TF-2251T
Connection rating
Connection size
Flow direction
Standard type
Low pressure drop type
Max. 120L/min (nor)
Max. 250L/min (nor)
Max. 500L/min (nor)
Max. 1000L/min (nor)
Max. 750m3/h (nor)
DC4 to 20mA, Pulse, Alarm output
0 to 2
L/min (nor)
0 to 3
L/min (nor)
0 to 5
L/min (nor)
0 to 8
L/min (nor)
0 to 10
L/min (nor)
0 to 15
L/min (nor)
0 to 20
L/min (nor)
0 to 30
L/min (nor)
0 to 50
L/min (nor)
0 to 80
L/min (nor)
0 to 100 L/min (nor)
0 to 120 L/min (nor)
0 to 150 L/min (nor)
0 to 200 L/min (nor)
0 to 250 L/min (nor)
0 to 300 L/min (nor)
0 to 400 L/min (nor)
0 to 500 L/min (nor)
0 to 600 L/min (nor)
0 to 800 L/min (nor)
0 to 1000 L/min (nor)
Max. 750m3/h (nor)
(Refer to Table 1.)
SUS304
TF-2251T only as for the flange connection, choice is possible
SUS316
Available for all models
Rc female screw
SWL
JIS10K flange
1/4"
10mm (3/8")
15mm (1/2")
20mm (3/4")
25mm (1")
32mm (1-1/4")
40mm (1-1/2")
50mm (2")
65mm (2-1/2")
80mm (3")
Left to Right (Std.)
Right to Left
Bottom to Top
Top to bottom
Refer to P.3 for process
connection of each
model
Table 1. TF-2251T Full scale
Unit: m
3/h (nor)
Meter size
Gas
AIR
N2
O2
CO
CO2
Ar
NH3
CH4
C2H6
C3H8
C4H10
13A
25mm
Min.
30
30
30
30
30
30
23
15
17
14
12
15
Max.
75
75
75
75
75
75
57
38
42
35
30
37
32mm
Min.
65
65
65
65
65
65
49
33
36
30
26
32
Max.
150
150
150
150
150
150
114
75
84
69
60
74
40mm
Min.
90
90
90
90
90
90
68
45
50
41
36
44
Max.
200
200
200
200
200
200
152
100
112
92
80
98
50mm
Min.
140
140
140
140
140
140
106
70
78
64
56
69
Max.
320
320
320
320
320
320
243
160
179
147
128
157
65mm
Min.
220
220
220
220
220
220
167
110
123
101
88
108
Max.
520
520
520
520
520
520
395
260
291
239
208
255
80mm
Min.
320
320
320
320
320
320
243
160
179
147
128
157
Max.
750
750
750
750
750
750
570
375
420
345
300
368



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com