Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF-2261T-A-4P40-R Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # TF-2261T-A-4P40-R
Description  MINI THERMAL MASS FLOWMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

TF-2261T-A-4P40-R Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  TF-2261T-A-4P40-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. TF-2261T-A-4P40-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TG-F1154-E00
TF-2261T
MINI THERMAL MASS FLOWMETER
2
TOKYO KEISO CO., LTD.
MODE
Upper line: Flow rate
Indicator
Bottom line: Totalizing
1
Unit
2
High alarm (HA)
7
Low alarm (LA)
8
UP
3
DOWN
4
SHIFT
5
MODE
6
✽ Use the MODE key for gas setting.
MASS FLOW METER
TF-2000T
TOKYO KEISO CO.,LTD.
JAPAN
UNIT:(nor)
m3
LA
COUNTS
HA
L
L/min
L/h
MODE
MINI-THERMAL
3
m /h
2-G1/2
M3 screw
4
10
(
+)
(C)
ANALOG OUT
L A
12
8
7
PULSE OUT
(E)
(C)
RESET
3
9
(–)
(E)
5
6
11 12
(C)
(E)
H A
POWER
0
24V
(Rating: DC30V, 30mA max.)
Open collector
(
+)
H A
High alarm
Flow rate alarm output
1
(–)
PULSE OUT
(E)
Totalizing pulse output
(–)
(
+)
(
+)(–)
Low alarm
(E)
3
(C)
2
(C)
45
(E)
L A
6
(C)
POWER
Power supply
DC24V
11
output
External switch
7
(–)
9
DC4 to 20mA
8
10
(
+)
0
ANALOG OUT
RESET
12
24V
■ FRONT PANEL
■ TERMINAL
■ DIMENSIONS
FLOW
TOKYO KEISO CO.,LTD.
JAPAN
UNIT:(nor)
m3
LA
COUNTS
HA
L
L/min
L/h
MODE
MINI-THERMAL
2-Rc
L
MASS FLOW METER
TF-2000T
3
m /h
FLOW
JAPAN
TOKYO KEISO CO.,LTD.
UNIT:(nor)
m3
LA
COUNTS
HA
L
L/min
L/h
MODE
MINI-THERMAL
L
MASS FLOW METER
TF-2000T
3
m /h
TF-2261T-***-F**
TF-2261T-***-P**
Note: The outer shapes of body for TF-2261T-
✽✽✽-P25 and
TF-2261T-
✽✽✽-F25 differ slightly from the above ones.
■ DIMENSION TABLE
Meter size
L
(mm)
25mm
32mm
40mm
50mm
65mm
80mm
195
215
230
270
290
320
34
43
49
61
77
89
50
60
65
75
—
—
166
175
177
183
191
198
5.0
5.5
5.7
6.8
9.4
10.4
3.3
3.2
3.3
4.0
—
—
Flange
Screw
H
(mm)
Flange
D (mm)
Mass (Approx.) kg
Screw
■ MODEL CODE
Model code
Description
TF-2261
T—
—
Full scale flow rate * A B C —
—
Scale range
Materials
4—
SUS304 (Available only for
flange connection)
6—
SUS316 (Available for all
models)
Connection rating
P
—
Rc screw (1" to 2")
F—
JIS 10K Flange
(25 to 80 mm)
Connection size
*: Full scale flow rate =
(AB)×10C m3/h(nor)
(Ex.)
80 m3/h(nor)→ 800
400 m3/h(nor)→ 401
1500 m3/h(nor)→ 152
25 —
25 mm (1")
32 —
32 mm (1-1/4")
40 —
40 mm (1-1/2")
50 —
50 mm (2")
65 —
65 mm (2-1/2")
80 —
80 mm (3")
Flow direction
— R Left to Right (std.)
— L Right to Left
— U Bottom to Top
— D Top to Bottom
■ CAUTION FOR INSTALLATION
❏ Straight run upstream and downstream (d: inside diameter)
Installation of the pipe is the same connection as flowmeter.
❏ Rc screw connection is to be used for the pipe less than Sch. 80.
❏ Pipe which is different from connection of flowmeter is ±1 size.
Install the necessary straight run of the same connection as the
flowmeter.
❏ Install valves downstream if any.
❏ Before installing the flowmeter onto process piping, flush and
clean the whole piping.
❏ Use the shielded cable for wiring and do not locate it near to
power supply line etc. to avoid the electric noise.
❏ There is the arrow mark showing the flow direction. Make the
installation so that the measured gas can flow as per the arrow
marking.
Upstream
Downstream
10d
5d
Head Office : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : http://www.tokyokeiso.co.jp
* Specification is subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com