Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF-2261T-B-4F25-R Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # TF-2261T-B-4F25-R
Description  MINI THERMAL MASS FLOWMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

TF-2261T-B-4F25-R Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  TF-2261T-B-4F25-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. TF-2261T-B-4F25-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INDICATION AND OUTPUT OF FLOW RATE, TOTALIZATION AND ALARM,
MIDDLE TO LARGE CONNECTION AND HIGH FLOW RATE MEASUREMENT VERSION
TF-2261T ALL-IN-ONE
MINI THERMAL MASS FLOWMETER
■ OUTLINE
The TF-2261T can handle larger flows than flowmeters with medium
to large connection sizes among the TF-2000 series mini thermal
mass flowmeters.
TF-2261T has LCD indication of flow rate and totalization. Also,
functions of scaled output pulse and DC4 to 20mA are provided.
Furthermore, two-point field adjustable alarm contacts are provided.
TF-2261T can be operated by DC24V power supply.
■ FEATURES
❏ Wide range of process connection for high flow rate
Connections of 25mm to 80mm are available. They are useful
with the extensive use in Air and Nitrogen supply lines etc.
❏ Simultaneous indication of flow rate and totalization
Large two-line LCD is provided.
❏ Output of current, pulse and alarm functions are provided.
Remote indication, batch processing and safety operations are
achieved by one unit.
❏ Mass flow measurement
Flow measurement is not influenced by the change in pressure
and temperature.
❏ Excellent in durability
Excellently durable sensor supported by old know-how is used.
❏ Whole quantity passage detection system
Pressure loss is very small.
❏ High speed response
High pressure response - 90% within one second
❏ Selection up to six scale ranges can be made.
Up to 6 scale ranges can be preset using keys.
■ STANDARD SPECIFICATION
■ FULL SCALE AND PRESSURE LOSS
Meter size
Full scale m3/h (nor)
Pressure loss (kPa) (✽)
25mm(1")
Min.
80
32
Max.
160
32mm(1-1/4")
Min.
150
39
Max.
300
40mm(1-1/2")
Min.
200
38
Max.
400
50mm(2")
Min.
300
32
Max.
600
65mm(2-1/2")
Min.
500
33
Max.
1000
80mm(3")
Min.
700
35
Max.
1500
✽ Pressure loss (at 1atm, 25°C) at the time of maximum full scale; The rough value
of the pressure loss is proportional to the square of flow rate and is in inverse
proportion to the pressure.
Fluid
Air, Nitrogen
Rangeability
1 : 20 (std.)
Gas press.
– 0.07 to 1.0MPa
Gas temp.
0 to 50°C
Temp. change effect
Within Span:
±0.1%F.S./°C
Press. change effect
Within
±0.1%F.S./0.1MPa
Response
1 sec. for 90%
Finish
Housing: Munsell N8.5
Stainless body not painted
Construction
Waterproof (Equiv. to IP65)
Installation
Horizontal or Vertical (✽)
Ambient temp.
0 to 50°C
Cable connection
2
× G1/2 (Terminal: M3 screw)
Power supply
DC24V (DC22V to DC27V)
Consumption
Installation & flow directions: Horizontal and Left to Right (standard)
set up at factory
Approx. 5.5W
Process connection
Screw: Rc (1" to 2")
Flange: JIS10K (25 to 80mm)
Material
Tube: SUS304 or SUS316
Sensor: Combination of SUS316, Glass, CTFE,
and PT
Seal: FKM
Housing: AC2A
Scale range
Min. 0 to 80m3/h (nor) / 25mm (1")
Max. 0 to 1500m3/h (nor) / 80mm (3")
Indication
Flow rate : 4 digits LCD Height: 13mm
Totalization: 7 digits LCD Height: 6mm
Low cut-off
Std. 5%F.S. (Adjustable)
Flow rate, Totalization, Current output, & Pulse output
Output
Current output
: Accuracy
±2%F.S.
DC4 to 20mA
(Load resistance: 450 ohms or less)
Pulse output
Output
: Open collector
Rating
: DC30V 30mA Max.
Pulse width
: (Approx.) 100ms fixed
Pulse rate
: Synchronized with pulse count
Flow rate alarm output
Output
: Open collector
Action
: “ON” when operating
(With Red LED for operating confirmation)
Rating
: DC30V 30mA Max.
Setting
: Push key at front panel
No. of points
: 2 points (H + L alarm)
Setting accuracy:
±1.0%F.S.
Setting range
: 0 to 100% of F.S.
Hysteresis
: 1%
±0.5%F.S.
Data backup
Setting of parameter and totalizing value is memorized
by EEPROM. (Retaining: For 10 years)
Accuracy
Flow rate :
±2%F.S. ±1dig.
Totalization:
±2.1%F.S.
Totalizing count: 60 to 18000c/h
TG-F1154-E00
Mar 2018
1st edition
K


Similar Part No. - TF-2261T-B-4F25-R

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
TF-2211T KEISO-TF-2211T Datasheet
245Kb / 5P
ALL-IN-ONE MINI THERMAL MASS FLO
Mar 2018
TF-2221T KEISO-TF-2221T Datasheet
245Kb / 5P
ALL-IN-ONE MINI THERMAL MASS FLO
Mar 2018
logo
Transko Electronics, In...
TF-223001-S20 TRANSKO-TF-223001-S20 Datasheet
443Kb / 4P
Wireless, RF SAW Filter
Revision 0: July 2013
logo
TOKYO KEISO CO.,LTD.
TF-2231T KEISO-TF-2231T Datasheet
245Kb / 5P
ALL-IN-ONE MINI THERMAL MASS FLO
Mar 2018
TF-2241T KEISO-TF-2241T Datasheet
245Kb / 5P
ALL-IN-ONE MINI THERMAL MASS FLO
Mar 2018
More results

Similar Description - TF-2261T-B-4F25-R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
16190 VICOR-16190 Datasheet
90Kb / 1P
THERMAL INTERFACE PAD, (MINI)
logo
Magnetrol International...
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
Thermal Dispersion Mass Flow Transmitter
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Taiyo Yuden (U.S.A.), I...
HMJ107BB7103KAHT TAIYO-YUDEN-HMJ107BB7103KAHT Datasheet
286Kb / 2P
Mass Production
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com