Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7530-2 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7530-2
Description  30V, 100mA Low Power LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7530-2 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7530-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HT75xx-2
30V, 100mA Low Power LDO
Rev. 1.91
3
December 03, 2025
Features
• Low power consumption
• Low voltage drop
• Low temperature coefficient
• High input voltage (up to 30V)
• Quiescent current 2.5μA
• High output current : 100mA
• Output voltage accuracy: tolerance ±1%
• 3-pin SOT89 and 5-pin SOT23 packages
Applications
• Battery-powered equipment
• Communication equipment
• Audio/Video equipment
General Description
The HT75xx-2 series is a set of three-terminal low power high voltage implemented in CMOS
technology. They can deliver 100mA output current and allow an input voltage as high as 30V. They
are available with several fixed output voltages ranging from 2.1V to 12.0V. CMOS technology
ensures low voltage drop and low quiescent current.
Although designed primarily as fixed voltage regulators, these devices can be used with external
components to obtain variable voltages and currents.
Selection Table
Part No.
Output Voltage
Package
Marking
HT7521-2
2.1V
SOT89
SOT23-5
75xx-2 (for SOT89)
5xx2 (for SOT23-5)
HT7523-2
2.3V
HT7525-2
2.5V
HT7527-2
2.7V
HT7530-2
3.0V
HT7533-2
3.3V
HT7536-2
3.6V
HT7540-2
4.0V
HT7544-2
4.4V
HT7550-2
5.0V
HT7560-2
6.0V
HT7570-2
7.0V
HT7580-2
8.0V
HT7590-2
9.0V
HT75A0-2
10.0V
HT75C0-2
12.0V
Note: “xx” stands for output voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com