Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS330A13/Z Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # UFS330A13/Z
Description  Ultrasonic Flowmeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS330A13/Z Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  UFS330A13/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS330A13/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS330A13/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS330A13/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS330A13/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS330A13/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UL330R Ultrasonic Flowmeter
TOKYO KEISO CO., LTD.
5
TG-F2388-E00
POINTS TO BE CHECKED BEFORE MODEL
SELECTION
It may be unable to make measurement when falling into the
following conditions.
Contact us in advance. When it cannot be judged whether it is
suitable, we are prepared to make preliminary test by the actual
equipment.
1) Liquid
• The liquid containing a lot of bubbles (over 2% only as a
guide).
• The liquid containing slurry and solid material (over 5Vol.%
only as a guide).
• The liquid of low Reynolds number (less than Re.10000 only
as a guide).
• Liquids other than water such as lean chemical solutions,
oils, waste waters and hot spring water.
• Liquids which attenuate Ultrasonic waves
(Typical example:acetic acid)
*This flowmeter cannot be used for High concentration acetic
acid aqueous solution (above 50%) .
2) Piping
• The inside wall of carbon steel pipe is rusty.
• Adhesion and sediment are in a pipe.
• The outside surface of cast iron pipe is coarse.
• Pipe made of PVDF with thickness more than 9mm.
• Pipe made of PP with thickness more than 15mm.
• SGPW pipe [The galvanized steel pipe for water service (white
gas pipe)]
• Lined pipe
3) Straight runs
The accurate flow measurement requires straight runs both
upstream and downstream of the flow sensor as shown at the
next page.
PRECAUTION FOR USE
1) Pipe shall be always filled with fluid.
2) In the case of horizontal piping, please do not mount a sensor
on the upper and the lower part of piping.
3) When you wrap a sensor in an insulating material, be careful
not to exceed the ambient temperature limits of a sensor.
4) In order to prevent the sensor grease from degrading when
installed outside, we recommend you to mount the waterproof
cover which covers a sensor assembly.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com