Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS330A41/Z Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # UFS330A41/Z
Description  Ultrasonic Flowmeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS330A41/Z Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  UFS330A41/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS330A41/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS330A41/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS330A41/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS330A41/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS330A41/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UL330R Ultrasonic Flowmeter
TOKYO KEISO CO., LTD.
3
TG-F2388-E00
DIMENSIONS
CONVERTER
●
Wall mount type
●
2” pipe mount
SENSOR
●
Reflex mode (V path)
0
75
150
50
100
0
75
150
50
100
Support rail*
With support rail
0
75
150
50
100
0
75
150
50
100
Support rail*
Without support rail
MENU
ENT.
ZERO
BACK
MEAS.
SET
140
160
MENU
ENT.
ZERO
BACK
MEAS.
SET
(164)
94
STATUS
UL330
UL330
STATUS
4×ø7
2-Slotted hole ø9×2
3
2
1
3
2
1
●
Diagonal mode (Z path)
0
75
150
50
100
0
75
150
50
100
125
* Support rail is to be used for the resin pipe from 25 to 40mm.
* Refer to Table 1 Sensor selection table.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com