Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS330A52/Z Datasheet(PDF) 6 Page - TOKYO KEISO CO.,LTD.

Part # UFS330A52/Z
Description  ULTRASONIC FLOWMETER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS330A52/Z Datasheet(HTML) 6 Page - TOKYO KEISO CO.,LTD.

  UFS330A52/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS330A52/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS330A52/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS330A52/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS330A52/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS330A52/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UL350 ULTRASONIC FLOWMETER
6
TG-F2334-E00
D : Nominal diameter
Reference : JEMIMA standard JEMIS-32
90° bend
Tee
Expansion pipe
Reducer
Valve
Pump
Classification
Required upstream straight length
Required downstream straight length
L
≧ 10D
L
≧ 50D
L
≧ 30D
L
≧ 10D
L
≧ 10D
L
≧ 30D
Valve throttling at upstream pipe
Valve throttling at downstream pipe
More than
10D
L
≧ 5D
L
≧ 10D
L
≧ 5D
L
≧ 5D
More than
1.5D
P
Check valve
Slice valve
L
≧ 50D
REQUIRED STRAIGHT RUNS
PRECAUTION FOR USE
1) Pipe shall be always filled with fluid.
2) In the case of horizontal piping, please do not mount a sensor on the upper and the lower part of piping.
3) When you wrap a sensor in an insulating material, be careful not to exceed the ambient temperature limits of a sensor.
4) In order to prevent the sensor grease from degrading when installed outside, we recommend you to mount the waterproof cover which cov-
ers a sensor assembly.
Head Office : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specification is subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com