Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS330B13/Z Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # UFS330B13/Z
Description  Ultrasonic Flowmeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS330B13/Z Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  UFS330B13/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS330B13/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS330B13/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS330B13/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS330B13/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS330B13/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UL330R Ultrasonic Flowmeter
4
TOKYO KEISO CO., LTD.
TG-F2388-E00
FLOW RATE RANGE/SIZE
Possible scale range (m3/h)
Maximum
Minimum
Nominal diameter
(mm)
25
32
40
50
65
80
100
125
150
200
250
300
350
400
22.80
38.91
52.27
85.21
139.7
195.2
331.6
500.1
709.4
1226
1902
2708
3377
4442
[Note]
The above-mentioned ow rates have been calculated for the
SUS Sch. 10s pipes, at the minimum range ow velocity of
0.3m/s and maximum range ow velocity of 10m/s.
(The ow rate range may differ slightly, depending on the piping
standard.)
0.684
1.167
1.568
2.556
4.192
5.857
9.948
15.00
21.28
36.80
57.07
81.25
101.3
133.2
WIRING DIAGRAM
CN1
CN2
Power supply
(AC)
Analog
output
4 to 20mA DC
Totalized
pulse
output
External
totalization
reset
Status output
ST2
ST3
com
(3P)
(2P)
(2P)
(2P)
(4P)
L1
L2
FG
+
–
+
–
+
–
+
+
com
+
ST1
Note 1 :
ST1 (Status 1) : Hold output
ST2 (Status 2) : Empty pipe detection
ST3 (Status 3) : Forward or backward ow detection
Note 2 :
The detachable connectors are used.
MODEL CODE
●
Sensor
Sensor Model code
Description
UFS330
A
A sensor (2MHz)
B
C sensor (1MHz)
Sensor combination
1
Short sensor rail × 2 pcs, Sensor rail for support × 1 pc (
*)
4
Long sensor rail × 2 pcs (
*)
5
Short sensor rail × 2 pcs (
*)
Cable length
1
10m (Standard)
2
20m
3
30m
4
40m
5
50m
6
60m
Additional functions
(Blank)
NA
/Z
Provided
*: Refer to table 1. Sensor selection table.
●
Converter
Converter Model code
Description
UFC330
A
Power supply
A
100 to 240V AC 50/60Hz
-
Mounting
1
Wall mount type
2
2” pipe mount type
Serial output
1
Standard
-
Additional functions
(Blank)
NA
/Z
Provided



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com