Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS330B42/Z Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # UFS330B42/Z
Description  Ultrasonic Flowmeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS330B42/Z Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  UFS330B42/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS330B42/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS330B42/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS330B42/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS330B42/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS330B42/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UL330R Ultrasonic Flowmeter
2
TOKYO KEISO CO., LTD.
TG-F2388-E00
STANDARD SPECIFICATIONS
●
Measuring method : Ultrasonic time-flight type (Ultrasonic
path: Reflex mode / V path or Diagonal
mode / Z path)
●
Construction
: Sensor, Converter, Exclusive coaxial cable
with BNC connector, sensor fixing rail
●
Sensor mounting
: Piping clamp-on type
●
Measuring fluid
: Liquids in which Ultrasonic waves
propagate
*Refer to P5.[ POINTS TO BE CHECKED
BEFORE MODEL SELECTION ]
●
Measurable fluid sonic velocity range
: 1,000 to 2,500m/s
●
Measurable fluid kinematic viscosity range
: 0.30 to 40.00mm2/s
●
Fluid temperature
: Up to 90°C (Surface temperature of
piping)
●
Measurable pipe with Nominal diameter
: Plastic piping
PVC (VP, HIVP [JIS K 6741]), PE (Wall
thickness ≤ 10 mm); 25 to 300 mm
Stainless steel piping
[JIS G 3459/JIS G 3468] Wall thickness ≤
Sch20; 25 to 400 mm
Refer to Table 1 for Sensor Selection and
Mounting Method.
Note : The flowmeter is not applicable for
lined piping.
●
Measurable flow velocity range
: 0 to 10m/s
●
Settable full scale flow velocity range
: Minimum 0.3m/s to maximum 10m/s
●
Accuracy
: ±2% of the reading at the condition
that flow velocity is 1m/s or more and
Reynolds number is 10000 or more.
: Flow velocity error is ±2cm/s at the
condition that flow velocity is less than
1m/s.
●
Display
: 16-digit, 2-line alphanumeric LCD (with
backlight) and status display LEDs
(3 pieces)
Display data : Flow rate, totalizing flow rate, various
status
●
Power supply
: 100 to 240V AC 50/60Hz ( 85 to 264V AC
50/60Hz is acceptable)
●
Power consumption : 12 VA or less
●
Cable entry
: For power/output (M20 × 1.5, 3 pieces);
With waterproof cable gland (Applicable
cable diameter:
ϕ8.0 to ϕ13.0)
For sensor; Waterproof BNC connector
(2 pieces)
●
Outputs
1) Analog output
: 4 to 20mA DC, Load resistance: 500Ω or
less
2) Pulse output
: Open collector output
Load rating 30 V DC, 50mA, Low level 2V or
less
Pulse width : 0.5ms (max.1000pps), 50ms (max.10pps),
100ms (max.5pps), 500ms (max.1pps),
1s (0.5pps or less):
It is selected by the number of the
maximum setting pulses.
3) Status output
: Open collector output
Load rating 30VDC, 50mA, Low level 2V
or less
Status 1 : Hold output
Status 2 : Empty pipe detection
Status 3 : Forward or backward flow
detection
●
Damping setting
: 0 to 100s (Settable in increments of 1s
step)
* Valid for display, analog output and pulse output.
There is a response delay of 0.5s, even if damping is set to 0s.
●
Low cutoff setting
: 0 to 30% of the maximum flow rate
(Settable in increments of 1%)
* Valid for display, analog output and pulse output.
●
Parameter setting
: Set with the key switches on the front
panel of converter.
●
Other additional functions
1) Analog and pulse simulation output function (For loop check)
2) Forward/backward direction measuring function
●
Converter mounting method
: Mounted onto the wall or 2 inch pipe
●
Enclosure
: Converter / IP65 Jet-proof,
Sensor / IP65 Jet-proof (guaranteed with
BNC connectors coupled)
●
Material
: Sensor housing / Heat-resisting ABS
Sensor mounting rail / Aluminum
Converter housing / Heat-resisting ABS
●
Painting of converter : Housing cover = Blue
Housing body = Light gray
●
Sensor ambient temperaure
: –10 to 70°C
●
Converter ambient temperature and humidity
: –20 to 50°C, 10 to 90% RH
(No dew condensation)
●
Sensor signal cable : Standard 10m (Up to 60m)
●
Weight:
: Converter: Approx. 1.0 kg (Excluding
metal fitting)
A set of sensors: Approx. 0.2 kg
A set of sensor rails: Approx. 0.7 kg (320
mm short rail)
Approx. 1.1 kg (620 mm long rail)
Table 1. Sensor selection table
Pipe material
Nominal pipe size (D)
Sensor
Sensor
installation
Sensor rail
length
Sensor rail
fpr support
Code of sensor
combination
Plastic piping
PVC (VP, HIVP [JIS K 6741])
PE (Wall thickness ≤ 10 mm)
25A ≤ D ≤ 40A
A Sensor
(2MHz)
V
320 × 2pc
320 × 1pc
1
50A ≤ D ≤ 150A
Not provided
5
200A ≤ D ≤ 300A
Z
Stainless steel piping
JIS G 3459/JIS G 3468
Wall thickness ≤ Sch20
25A ≤ D ≤ 150A
A Sensor
(2MHz)
V
320 × 2pc
Not provided
5
150A ≤ D ≤ 300A
Z
300A ≤ D ≤ 400A
C Sensor
(1MHz)
620 × 2pc
4
Note 1 : Flow rates in PVC pipes of Sch80 may not be measurable with the above sensor installation conditions, depending on the nominal
diameter. Contact us in advance.
Note 2 : Select the UL350 for stainless steel piping of nominal diameter larger than 400A (up to 1000A), stainless steel piping of Sch40, and
polyethylene (PE) piping whose wall is thicker than 10 mm.
Note 3 : “V” in the sensor installation column denotes V path, reflex mode and “Z” denotes Z path, diagonal mode.
Note 4 : Two sensor rails must be installed for each piping even if V path, reflex mode is specified for sensor installation. Even if V path,
reflex mode is specified for sensor installation, Z path, diagonal mode may have to be selected instead, due to the effects of
possible piping distortion, inside deposits, or external noises.
Note 5 : For the case of plastic piping of nominal diameter 40A or smaller, two sensor rails, a main sensor rail and a reinforcing sensor rail,
must be installed for each piping to prevent piping distortion.
Note 6 : When the size of measuring pipes is unknown (larger than 400A) or when the piping material may be changed to something other
than those listed in the above selection table, the UL330R may not work well for measuring flow rate.
Note 7 : See the sensor combination in MODEL CODE.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com