Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS330B43/Z Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # UFS330B43/Z
Description  Ultrasonic Flowmeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS330B43/Z Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  UFS330B43/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS330B43/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS330B43/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS330B43/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS330B43/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS330B43/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TG-F2388-E00
1st edition Aug 2023 K
OUTLINE
The UL330R “Time-Flight” type clamp-on ultrasonic flowmeter
measures flow rates in plastic piping (PVC, PE) ranging from 25
to 300 mm in nominal diameter and stainless steel piping ranging
from 25 to 400 mm in nominal diameter.
A detector (an ultrasonic sensor) is mounted outside an existing
piping by clamping method, so that it does not get into contact
with the measuring fluid at all, and there are no concerns about
the mixture of solid material and metallic ion into the fluid, the
corrosion of sensor by chemical, and the pressure loss by
installing the flowmeter.
FEATURES
❏
The sensor of the UL330R ultrasonic flowmeter is clamped on
just outside of an existing pipe without requiring any piping
modification.
❏
By adopting a DSP and an AD converters, the flow
measurement has been speeded up, and the resistance to
bubbles has been improved.
❏
Because of the noncontact measurement method, the
formation of bubbles and the mixture of metallic ion have been
completely prevented.
❏
Installing the flowmeter does not cause the pressure loss
because of no obstacles in the measuring pipe.
❏
The ultrasonic flowmeter is not affected by the pressure or
conductivity of fluids.
❏
Excellent in long-term stability because of no moving part.
❏
Providing the following functions: Forward/backward flow rate
display, totalizing display, analog output, pulse output, status
output.
MEASUREMENT PRINCIPLE
As shown in Fig. 1, when the ultrasonic wave is propagated in
the fluid in
ψ angle, there is the difference in propagation time
between A to B and the reverse direction. The propagation time
for each direction is calculated by the following formula.
tAB = 2L / VAB = 2L / (Co + Vm∙ COS
ψ)
tBA = 2L / VBA = 2L / (Co – Vm∙ COS
ψ)
Where,
2L
: Distance between A and B
Vm
: Average fluid velocity
Co
: Ultrasonic propagation velocity in resting state of
fluid
tAB, tBA : Ultrasonic propagation time between A to B and
B to A
VAB, VBA : Ultrasonic propagation velocity A to B and B to A.
ψ
: Propagation angle of the ultrasonic wave
Clamp-on Type
UL330R
Ultrasonic Flowmeter
The average fluid velocity (Vm) can be calculated by measuring the
difference in the propagation time as follows:
2Vm ∙ COS
ψ = 2L / tAB – 2L / tBA
ψ = 2L (tBA – tAB) / (tBA × tAB)
Hence, Vm = L (tBA – tAB) / (COS
ψ × tBA × tAB)
Since the distance (2L) between A to B and the angle
ψ are known,
the average fluid velocity (Vm) can be calculated. The flow rate can
be calculated from the above Vm and the cross-sectional area of
pipe, displayed and outputted.
A
B
Vm
VBA
VAB
L
Fig. 1 Measurement Principle


Similar Part No. - UFS330B43/Z

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
UFS330B41/Z KEISO-UFS330B41/Z Datasheet
164Kb / 6P
ULTRASONIC FLOWMETER
Dec 2022
UFS330B42/Z KEISO-UFS330B42/Z Datasheet
164Kb / 6P
ULTRASONIC FLOWMETER
Dec 2022
More results

Similar Description - UFS330B43/Z

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-132F FUJI-EDS6-132F Datasheet
540Kb / 12P
HYBRID ULTRASONIC FLOWMETER (Pulse Doppler method Transit Time method)
EDS6-141D FUJI-EDS6-141D Datasheet
1,019Kb / 12P
ULTRASONIC FLOWMETER(2-Path System type)
EDSX6-71L FUJI-EDSX6-71L Datasheet
276Kb / 8P
ULTRASONIC FLOWMETER < TIME DELTAS (Standard Type)>
EDSX6-95F FUJI-EDSX6-95F Datasheet
245Kb / 8P
PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOWX)
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
ULTRASONIC FLOWMETER
logo
Fairchild Semiconductor
FDT-21W FAIRCHILD-FDT-21W Datasheet
411Kb / 2P
Wall Mount Ultrasonic FlowMeter For Clean Liquids
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com