Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF-2000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # VF-2000
Description  Vortex Flow Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

VF-2000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  VF-2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. VF-2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. VF-2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. VF-2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VF-2000 Cost-effective instrument
2
TOKYO KEISO CO., LTD.
TG-ES886-3E
Specifications
Specifications
Measurable Fluid
Accuracy *1
Repeatability
Fluid Pressure
Fluid Temperature
Ambient Temperature
Ambient Humidity
Power Supply
Rated Power
Display
Flowrate
Alarm
Display
VF-2031
Resolution
VF-2032
VF-2033
Output
Cable
Mass
Meter
Cable
Enclosure Classification
VF-20
■1
Flow Range
VF-20
■2
VF-20
■3
Max. Pressure loss
Min. Straight Pipe Run
VF-20
■1
Process Connection
VF-20
■2
VF-20
■3
Sensor body
Sensor
O-ring
Cover
Cable sheath
Model
Current Output Model
Pulse Output Model
Display and Current Output Model
VF-201
■
VF-202
■
VF-203
■
Pure water, Water
±3%F.S.
±3%F.S (1 digit)
±0.5%F.S
0 to 1MPa
0 to 70oC0 to 70oC (Refer to Figure 3)
0 to 50oC0 to 50oC (Refer to Figure 3)
5 to 90%RH
10.8 to 26.4 VDC
1W
0.5W
2W
-
3-digit LED
-2 LED (Alarm-1, Alarm-2)
-
0.01 L/min or 0.01 GPM
-
0.1 L/min or 0.01 GPM
-
0.1 L/min or 0.1 GPM
0.2mm2 x 3C (AWG24), 3m, Outside diameter 3.5mm
0.2mm2 x 5C (AWG24), 3m,
(Soldered end finish)
Outside diameter 4.5mm,
(Soldered end finish)
60g
80g
75g
90g
IP64
0.5 to 4 L/min or 0.13 to 1 GPM
2 to 16 L/min or 0.5 to 4 GPM
4 to 40 L/min or 1 to 10 GPM
40kPa
Upstream : 10D, Downstream : 5D (D : Nominal pipe size)
Taper pipe threads (JIS B 0203 / ISO 7/1) : Equivalent to R3/8"
Taper pipe threads (JIS B 0203 / ISO 7/1) : Equivalent to R1/2"
Taper pipe threads (JIS B 0203 / ISO 7/1) : Equivalent to R1/2"
Polyphenylene sulfide (PPS)
Piezoelectric element molded with PPS
Fluorine rubber (FKM)
Poly-butylene trephthalate (PBT)
Heat- resistant PVC
Current output
Unscaled pulse output
Current output
4 to 20mA (3-wire)
Open collector,
4 to 20mA (3-wire)
(0 to maximum flow)
Max. 10mA/30VDC
(0 to maximum flow)
Load:
Pulse duty factor; approx. 50%
Load:
0 to 250 ohms at 12VDC
0 to 250 ohms at 12V DC
250 to 600 ohms at 24VDC
250 to 600 ohms at 24V DC
(Refer to Figure 4)
(Refer to Figure 4)
Damping Time Constant
Output frequency at 100% flow
Damping Time Constant
1 sec (63% response)
VF-2021 - F01
800Hz at 4 L/min
1 sec (63% response)
VF-2021 - F02
757Hz at 1 GPM
Alarm output
VF-2022 - F01
800Hz at 16 L/min
Alarm-1 and Alarm-2
VF-2022 - F02
757Hz at 4 GPM
Open collector,
VF-2023 - F01
584Hz at 40 L/min
Max. 80mA/30V DC
VF-2023 - F02
553Hz at 10 GPM
Hysterisis; equal to display resolution
*1 Conditions for calibration
Fluid : Water, Fluid temperature : 20oC
Ambient temperature : 23 oC, Supply voltage : 24 VDC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com