Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3265AC Datasheet(PDF) 21 Page - Injoinic Technology Co.,Ltd.

Part # IP3265AC
Description  4–5 Cell Li-ion/Polymer Battery Protector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP3265AC Datasheet(HTML) 21 Page - Injoinic Technology Co.,Ltd.

Back Button IP3265AC Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP3265AC Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP3265AC Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP3265AC Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP3265AC Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP3265AC Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP3265AC Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP3265AC Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP3265AC Datasheet HTML 24Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
IP3265
V1.0
21 / 24
Copyright © 2023, Injoinic Corp.
Rsense
电流检测功率电阻
高精度电流检测
可依实际过流值决定
--mΩ
R10,R20,R30,R40,R50 均衡电路开关限流电阻
均衡
1KΩ
R11,R21,R31,R41,R51
均衡电流调节电阻
均衡
51Ω
D1
肖特基二极管
防反接保护
1N4148
RCO
电阻
充电管
RGS
1MΩ
如非上述典型应用方案应用,请详细咨询我司
FAE。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com