Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5303 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP5303
Description  Highly integrated power bank SoC with 1.2A charging and 1.0A discharging.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5303 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP5303 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IP5303
V1.0
http://www.injoinic.com/
2 / 9
Copyright © 2015, Injoinic Corp.
4
引脚定义
VIN
NC
VOUT
SW
BAT
KEY
LED1
1
2
3
4
5
6
7
8
eSOP8
power
PAD
LED3
图
2 IP5303 引脚图
IP5303 引脚说明
Pin Name
Pin Num.
Pin Description
VIN
1
5V 充电输入引脚
LED1
2
LED 驱动引脚
NC
3
无功能,连接 BAT 网络
LED3
4
LED 驱动引脚
KEY
5
按键输入引脚,同时做照明灯驱动
BAT
6
连接电池正极
SW
7
DC-DC 开关引脚
VOUT
8
5V 升压输出引脚
PowerPAD
Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com