Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF-2215-F31 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # VF-2215-F31
Description  Vortex Flow Sensor for water
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

VF-2215-F31 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  VF-2215-F31 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. VF-2215-F31 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. VF-2215-F31 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. VF-2215-F31 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VF-2200 Vortex Flow Sensor
TOKYO KEISO CO., LTD.
3
TG-EM110E-1
Fluid and Ambient Temperature
Ambient temperature (
oC)
0
25
50 (
oC)
90
30
0
Operating range
(
oC)
Figure 1
Fluid Pressure and Temperature
Fitting material : PVC
Flud temperature
0
30
50 (
oC)
0.39
0.98
0
Operating range
(MPa)
Figure 3
Load Resistance Range
(
Ω)
600
300
250
215
0
10.8 12
24 26.4 (V DC)
Suplly voltage
Operating range
Figure 2
Fitting material : HT-PVC
Fluid temperature
0
40
90 (
oC)
0.19
0.98
0
Operating range
(MPa)
Figure 4
WIRING DIAGRAM
● Current Output Model (VF-2215)
[brown]
[Black]
[Blue]
[Shield]
4 to 20mA DC
10.8 to 26.4V DC
+
-
+
-
Load
Resistance
● Pulse Output Model (VF-2225)
[shield]
10.8
το 26.4V DC
+
-
+
-
[Brown]
[Black]
[Blue]
Pulse output
● Display / Current Output Model (VF-223■)
[Brown]
[Black]
[Gray]
[White]
[Blue]
[Shield]
4 to 20mA DC
10.8
το 26.4V DC
+
-
+
-
+
-
+
-
Load
Resistance
Alarm
output (1)
Alarm
output (2)
MODEL CODE
Model code
Description
VF - 22
-
/
1
Current output : 4 to 20mA DC(3-wire)
2
Pulse output : Open collector (Unscaled)
Type/Output
Display : Flow rate (3-digit LED), Alarm (2 LED)
3
Current output : 4 to 20mA DC (3-wire)
Alerm output : Open collector (2 points)
Flow Range
4
10 to 100 L/min (VF-2234 : only for Display model)
5
10 to 150 L/min
O-ring Material
- F
Fluorine rubber (FKM)
1
PVC / 25mm (1") TS Socket
Process Connection
2
PVC / 25mm (1") JIS10K FF Flange
3
PVC / Rc1 Taper Pipe Threads
4
HT-PVC / 25mm (1") TS Socket
5
HT-PVC / 25mm (1") JIS10K FF Flange
Flow Unit
1
L/min
Option
/
Option Code
(Only for Display type VF-223
■)(VF-2215, VF-223■)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com