Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J176 Datasheet(PDF) 5 Page - InterFET Corporation

Part # J176
Description  P-Channel JFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

J176 Datasheet(HTML) 5 Page - InterFET Corporation

  J176 Datasheet HTML 1Page - InterFET Corporation J176 Datasheet HTML 2Page - InterFET Corporation J176 Datasheet HTML 3Page - InterFET Corporation J176 Datasheet HTML 4Page - InterFET Corporation J176 Datasheet HTML 5Page - InterFET Corporation J176 Datasheet HTML 6Page - InterFET Corporation J176 Datasheet HTML 7Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of 7
https://www.InterFET.com
InterFET Corporation
November, 2023
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
J176-7
Document Number: IF35089 Rev A01
J176-7
SOT23 (TO-236AB) Mechanical and Layout Data
Package Outline Data
Suggested Pad Layout
1.
All linear dimensions are in millimeters.
2.
Package weight approximately 0.12 grams
3.
Molded plastic case UL 94V-0 rated
4.
For Tape and Reel specifications refer to
InterFET CTC-021 Tape and Reel Specification,
Document number: IF39002
5.
Bulk product is shipped in standard ESD shipping
material
6.
Refer to JEDEC standards for additional
information.
1.
All linear dimensions are in millimeters.
2.
The suggested land pattern dimensions have been
provided for reference only. A more robust pattern
may be desired for wave soldering.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com