Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-2022-R1FC10A Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # W-2022-R1FC10A
Description  MINI-WHEEL FLOWMETER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

W-2022-R1FC10A Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  W-2022-R1FC10A Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. W-2022-R1FC10A Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. W-2022-R1FC10A Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. W-2022-R1FC10A Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL CODE
Model code
Description
W-20
□ □ - □ □ - □ □ □ □ - □
Output
2
Pulse output: Open collector / Open drain
3
Current output: 4 to 20 mA DC
4
Voltage output: 0 to 5 VDC
5
Voltage output: 0 to 10 VDC
Range of flow rate
Connection size
2
0.5 to 3 L/min (Flow path nozzle
Ф3.0)
Rc 3/8
3
0.7 to 5 L/min (Flow path nozzle
Ф4.0)
4
1 to 10 L/min (Flow path nozzle
Ф6.4)
5
2 to 20 L/min (Flow path nozzle
Ф10)
6
3 to 30 L/min (Flow path nozzle
Ф12)
Rc 1/2
7
4 to 40 L/min (Flow path nozzle
Ф14)
8
5 to 50 L/min (Flow path nozzle
Ф16)
9
6 to 60 L/min (Flow path nozzle
Ф16)
Rc 3/4
A
10 to 100 L/min (Flow path nozzle
Ф20)
Inflow direction
R
Right to Left or Bottom to Top (Impeller on left side against flow path) (Standard)
L
Left to Right or Bottom to Top (Impeller on right side against flow path)
Cable length
1
1 m (Standard)
2
2 m
Material of O-ring
N
NBR (Nitrile rubber)
*3
Recommended temperature range: -30 to +80°C
F
FKM (Fluorocarbon rubber)
*3
Recommended temperature range: -15 to +100°C
E
EPDM (Ethylene propylene rubber) *3 Recommended temperature range: -40 to +80°C
S
FVMQ (Fluorosilicone rubber)
*3
Recommended temperature range: -40 to +100°C
Z
Special
Material of monitoring window *1
C
Polycarbonate
S
SCS14 (No monitoring)
Material of Impeller, bearing, shaft, and
brush (indicated as group) *2
1
Group 1 (Standard)
2
Group 2
3
Group 3
6
Group 6
Special connection specifications
0
None
A
R3/8 x Rc1/4 Adapter (Overall length 18 mm) *4
Z
Special
Additional specifications (Add applicable code
numbers when multiple requirements are involved)
A Degrease treatment (Standard)
B Non-water treatment (Required when "Low/high temperature support" is selected.)
C Low/high temperature support (Pulse output type only, fluid temperature: -40 to +100°C) *3
*1 Monitoring windows made of polycarbonate cannot be used for low
or high temperature, or high pressure operations. For details, see
the figure on the right.
*2 Materials in each material group are listed in the outline drawings.
Select the material group that is suitable for the fluid used.
*3 When using the product for a liquid at low or high temperatures, it is
recommended that the product be used within the temperature
range recommended for the material of the O-ring.
*4 The R3/8 x Rc1/4 adapter can only be used when the flow rate is
within the range between W-20
□2 and 20□4.
SCS14
SCS14
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Monitoring window: Allowable uid temperature and pressure ranges
Polycarbonate
Fluid temperature (°C)
<Recommended models>
Fluid
Temperature
Max.
pressure
Recommended model
Remarks
Cooling water
5 to 60°C
0.6 MPa
W-20
□□-□□-□C10-A
Cooling water
5 to 60°C
0.6 MPa
W-20
□4-□□-□C1A-A
Flow rate range: 10 L/min or less
Connection: Rc1/4 (Adapter included)
Cooling water
5 to 60°C
1.0 MPa
W-20
□□-□□-□S10-A
Cooling water
5 to 80°C
1.0 MPa
W-202
□-□□-□S10-A
Consult us when using hot water at a
temperature of 80°C or higher.
Fluorinert, Galden, ethylene glycol, etc. 5 to 60°C
0.6 MPa
W-20
□□-□□-□□30-AB
Fluorinert, Galden, ethylene glycol, etc. 5 to 100°C
1.0 MPa
W-202
□-□□-SS30-AB
Fluorinert, Galden, ethylene glycol, etc. -40 to 100°C
1.0 MPa
W-202
□-□□-SS30-ABC
W-2000 MINI-WHEEL FLOWMETER
2
TOKYO KEISO CO., LTD.
TG-F2393-E00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com