Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2000G Datasheet(PDF) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # K2000G
Description  Sidac
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

K2000G Datasheet(HTML) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  K2000G Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd K2000G Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd K2000G Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd K2000G Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd K2000G Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KxxxxG Series
JieJie Microelectronics CO. , Ltd
TEL
:+86-513-83639777
-
4
/
5-
http://www.jjwdz.com
-40
-20
0
20
40
60
80
100
120
140
FIG.3: Normalized Vs change vs. junction
temperature
FIG.4: Normalized DC holding current vs. case
temperature
IH(Tj)/IH(Tj=25
)
℃
0.4
-40
-20
0
20
40
60
80
100
120
140
Tj(
)
℃
-8
Percent of Vs change(%)
2.0
1.2
4
0
8
12
TC(
)
℃
-4
0.8
1.6
0.6
1.0
1.4
1.8
25
℃
25
℃
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
A
B
C
D
Max.
Min.
Max.
1.000
25.40
0.228
0.022
0.102
0.300
0.035
0.142
5.80
0.56
2.60
7.62
0.89
3.60
C
D
-
-
DO-15
Part Number
UNIT WEIGHT
(g/PCS) typ.
Case Type
Quantity
Packing Option
KxxxxG
0.38
DO-15/DO-204AC
2000
Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com