Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-2022-R1FS10A Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # W-2022-R1FS10A
Description  MINI-WHEEL FLOWMETER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

W-2022-R1FS10A Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  W-2022-R1FS10A Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. W-2022-R1FS10A Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. W-2022-R1FS10A Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. W-2022-R1FS10A Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTLINE
The W-2000 series is a impeller-type flowmeter that can be used on
chillers that use various fluids. There is a impeller containing magnets in
the flow path, and the number of its rotations that are proportional to the
flow rate are counted in a non-contact manner using a magnetic sensor.
Flowmeters made through precision casting that are both compact and
cost-effective are optimal for various cooling water devices and
semiconductor chillers.
FEATURES
Pulse, current, and voltage output
Covering a wide fluid temperature range from -40 to +100°C
A minimum range of 0.5 to 3 L/min and a maximum range of 10 to 100
L/min
Visible impeller rotation
Wide variety of material groups to cover many kinds of fluids
Easy overhauling, cleaning, and maintenance
Low price owing to intensive cost down
Complying with RoHS
STANDARD SPECIFICATIONS
◦Measuring fluid
: Liquids including water, Fluorinert, Galden, ethylene glycol. The liquid viscosity is 2 mPa
・s or less.
◦Fluid pressure
: Maximum 1.0 MPa (See "Monitoring window: Allowable fluid temperature and pressure ranges".)
◦Fluid temperature
: See MODEL CODE table
◦Ambient temperature : 5 to 60°C
◦Flow direction and posture:
The fluid flows in a horizontal or vertical direction. (When the fluid flows in a horizontal direction, a posture in which the
shaft of the impeller is in a horizontal orientation and the fluid flows at the top of the impeller will be obtained.)
◦Construction
: Drip-proof (equivalent to IP62)
◦Accuracy
: ±5% of F.S. for model W-20
□2
±3% of F.S. for models W-20
□3 to 20□A
[W-202
□ pulse output type]
◦Output
: Open collector pulse
[without additional specifications C]
Open drain pulse
[with additional specifications C] (Unscaled)
◦Pulse frequency
: Approximately 75 to 95 Hz at the maximum
flow rate
(Actual measured value is indicated on the
product name plate.)
◦Power supply
: 12 to 24 VDC ± 10% (10.8 to 26.4 V), 10 mA
◦Load rating
: Maximum 24 VDC + 10%, 10 mA
◦Electric connection : 3-core cable (UL2936) AWG25
◦Fluid temperature : 5 to 80°C [without additional specifications C]
-40 to +100°C [with additional specifications C]
[W-203
□ current output type]
◦Output
: 4 to 20 mA DC
◦Power supply
: 24 VDC ± 10%, 50 mA
◦Load resistance
: 500 Ω or less
◦Electric connection : 4-core cable (UL2941) AWG26
◦Fluid temperature : 5 to 60°C
[W-204
□ voltage output type]
◦Output
: 0 to 5 VDC
◦Power supply
: 24 VDC ± 10%, 35 mA
◦Load resistance
: 100 kΩ or more
◦Electric connection : 4-core cable (UL2941) AWG26
◦Fluid temperature : 5 to 60°C
[W-205
□ voltage output type]
◦Output
: 0 to 10 VDC
◦Power supply
: 12 to 24 VDC ±10% (10.8 to 26.4 V), 35 mA
◦Load resistance
: 100 kΩ or more
◦Electric connection : 4-core cable (UL2941) AWG26
◦Fluid temperature : 5 to 60°C
Flowmeters for chillers and various cooling devices
in the semiconductor industry that use Fluorinert,
Galden, and various other liquids
W-2000
MINI-WHEEL FLOWMETER
(Impeller Flowmeter)
TG-F2393-E00
1st edition Apr 2025 K


Similar Part No. - W-2022-R1FS10A

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
W-2000N KEISO-W-2000N Datasheet
1Mb / 2P
MINI-WHEEL FLOWMETE
Nov 2025
More results

Similar Description - W-2022-R1FS10A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Mallory performance clu...
86003 MALLORY-86003 Datasheet
110Kb / 2P
Trigger Wheel
86103 MALLORY-86103 Datasheet
128Kb / 2P
Trigger Wheel
86153 MALLORY-86153 Datasheet
128Kb / 2P
Trigger Wheel
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1010 TTELEC-DS1010 Datasheet
515Kb / 2P
Platon NS Series Pelton Wheel Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
SparkFun Electronics
ROB-08899 SPARKFUN-ROB-08899 Datasheet
98Kb / 1P
Wheel 42x19mm
1/18/2016
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com