Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-3013-R1-FS30-A Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # W-3013-R1-FS30-A
Description  MINI-WHEEL FLOWMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

W-3013-R1-FS30-A Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  W-3013-R1-FS30-A Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. W-3013-R1-FS30-A Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For maximum 150°C liquid services including
Galden and Fluorinert
Suitable for semiconductor chillers
W-3000
MINI-WHEEL FLOWMETER
Pulse output: Open collector
0.5 to 3 L/min (Flow path nozzle
φ3.0)
0.7 to 5 L/min (Flow path nozzle
φ4.0)
1
to 10 L/min (Flow path nozzle
φ6.4)
2
to 20 L/min (Flow path nozzle
φ10)
3
to 30 L/min (Flow path nozzle
φ12)
4
to 40 L/min (Flow path nozzle
φ14)
5
to 50 L/min (Flow path nozzle
φ16)
6
to 60 L/min (Flow path nozzle
φ16)
Right to Left or Bottom to Top(Wheel on left side against flow path)(Standard)
Left to Right or Bottom to Top (Wheel on right side against flow path)
1 m (Standard)
2 m
FKM (Fluorocarbon rubber)
FVMQ (Fluorosilicone rubber)
SCS14
Wheel: PPS, Bearing and bush: carbon containing PTFE, Shaft: Quarts glass
None
Degrease treatment (Standard)
Non-water treatment (Standard)
Connection Rc 3/8
Connection Rc 1/2
Connection Rc 3/4
Description
Model code
1
2
3
4
5
6
7
8
9
W-30
Output
Range of flow rate
Connection size
Inflow direction
Cable length
Material of O-ring
Material of monitoring window
Materials of wheel, bearing, shaft and bush
Accessories
Additional specifications
(Add applicable numbers when multiple requirements are involved)
--
-
A
B
0
3
S
F
S
1
2
R
L
Note: Do not hesitate to contact TOKYO KEISO Co., Ltd. for your specific requirements.
MODEL CODE
OUTLINE
Adding the radiator fins on the well-established W-2000 series, the
W-3000 mini-wheel flowmeter series makes it possible to measure
liquids as high as 150°C.
This model is suitable for assembling in the semiconductor chiller
devices for high temperature services.
FEATURES
❏ Compact and light weight design with a precision casting body
❏ Open collector pulse output available
❏ Continuous measurement of high temperature services up to
150°C with radiation fins
❏ Easy overhauling, cleaning and maintenance
❏ Complying with RoHS
STANDARD SPECIFICATION
● Measuring liquid
: Liquids including Fluorinert and
Galden
● Allowable viscosity
: 2 mPa • s or less for models W-3012
through W-3015
3 mPa • s or less for models W-3016
through W-3019
● Fluid pressure
: Max.1.0 MPa
● Fluid temperature
: Max.150°C
● Ambient temperature
: Max 50°C (Without dew condensa-
tion)
● Flow direction and posture : The pipe line on which flowmeter is
installed, is either in horizontal or
vertical. For the installation on
horizontal pipe, the wheel shaft
must be always in horizontal and
flow path (center line of pipe line)
must be situated in the upper side
of the wheel to fill the wheel cham-
ber fully with liquids.
● Construction
: Indoor use (equivalent to IP20)
● Output
: Open collector pulse (Unscaled
pulse)
● Duty
: H (Changing depending on flow
rate)
L (2 ms for reference value)
● Pulse frequency
: Approximately 75 to 95 Hz at the
maximum flow rate (Actual mea-
surement value indicated on tag
plate)
● Power supply
: 5 to 12 VDC, 12 mA
● Load rating
: Max. 12 VDC, 15 mA
● Accuracy
: ±5% F.S. for model W-3012
±3% F.S. for models W-3013
through W-3019
● Electric connection
: AWG 26 (12/0.12) x 3-core
UL 2941 4-core cable (Green: Non-
use)
TG-ES838-3E
Jun 2016
Oct 2004
Revised
1st edition
K


Similar Part No. - W-3013-R1-FS30-A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
W-3 COOPER-W-3 Datasheet
127Kb / 2P
Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Eaton All Rights Reserv...
W-3 EATON-W-3 Datasheet
127Kb / 2P
Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Arista Networks, Inc
W-318 ARISTA-W-318 Datasheet
945Kb / 21P
Quick Start Guide W-318/W-318 RW Access Point
logo
Apex Electronics Co., L...
W-321X APEX-ELECTRONICS-W-321X Datasheet
175Kb / 3P
Slotted Bits
More results

Similar Description - W-3013-R1-FS30-A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Mallory performance clu...
86003 MALLORY-86003 Datasheet
110Kb / 2P
Trigger Wheel
86103 MALLORY-86103 Datasheet
128Kb / 2P
Trigger Wheel
86153 MALLORY-86153 Datasheet
128Kb / 2P
Trigger Wheel
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1010 TTELEC-DS1010 Datasheet
515Kb / 2P
Platon NS Series Pelton Wheel Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
SparkFun Electronics
ROB-08899 SPARKFUN-ROB-08899 Datasheet
98Kb / 1P
Wheel 42x19mm
1/18/2016
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com