Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-3013-R2-SS30-B Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # W-3013-R2-SS30-B
Description  MINI-WHEEL FLOWMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

W-3013-R2-SS30-B Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  W-3013-R2-SS30-B Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. W-3013-R2-SS30-B Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
W-3000 MINI-WHEEL FLOWMETER
TG-ES838-3E
2
WIRING
DIMENSION AND MATERIAL
Pulse output
+
5 to 12 V DC
Shield
Red]
White]
Black]
+
Green]Non-use
12
3
6
7
84
11
10
9
5
12
13
14
L
W2
(W1)
<Inner structure>
NOTES
❑ Do not put a signal cable adjacent to other power lines.
❑ Inside diameter of process piping and fitting is to be more than that of flow path nozzle.
❑ Installation is to be made at the place free from the influence of external magnetic field which affects the property.
❑ Use this flowmeter where there is no stagnation of air around the wheel and also in the state of water filled up.
❑ Avoid the air blow since wheel and shaft may be damaged.
❑ The upstream straight runs of more than 10 D ( D: inside diameter of pipe) is recommended when uneven or whirling flow is expected.
❑ Keep body and process piping warm, and do not prevent the ventilation between heat insulation plates.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
No.
Wheel
Bearing
Shaft
Bush
Body
Monitoring window
O ring
Plate
Heat insulation plate
Spacer
Sensor holder
Fin
Cable clamp
Cable
Parts
PPS with a magnet embedded
Carbon containing PTFE
Quartz glass
Carbon containing PTFE
SCS14
SCS14
(Monitoring is not available)
Refer to MODEL CODE
SUS316
PPS
PPS
PPS
ADC12
Brass/EPDM
Covered with PVC
Material
Connection size
Rc 3/8
Rc 1/2
Rc 3/4
L
55
70
80
H1
41
43
49.5
H2
12
14.5
17
W1
62
65
65
W2
19
22
22
Mass
350 g
400 g
500 g
PRESSURE LOSS
0
10
20
30
40
0.1
1
10
100
Flow rate (L/min)
3L/min
5L/min
10L/min
20L/min
30L/min
60L/min
40・50L/m
Head Office : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : http://www.tokyokeiso.co.jp
* Specification is subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com