Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC82040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSC82040
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC82040 Datasheet(HTML) 1 Page - STMicroelectronics

  MSC82040 Datasheet HTML 1Page - STMicroelectronics MSC82040 Datasheet HTML 2Page - STMicroelectronics MSC82040 Datasheet HTML 3Page - STMicroelectronics MSC82040 Datasheet HTML 4Page - STMicroelectronics MSC82040 Datasheet HTML 5Page - STMicroelectronics MSC82040 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 1992
GENERAL PURPOSE LINEAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
.230 4L STUD (S027)
hermetically sealed
.
EMITTER BALLASTED
.
CLASS A LINEAR OPERATION
.
COMMON EMITTER
.
VSWR CAPABILITY
∞:1 @ RATED
CONDITIONS
.
ft 1.6 GHz TYPICAL
.
NOISE FIGURE 15.5 dB @ 2 GHz
.
POUT
= 27 dBm MIN. @ 1.0 GHz
DESCRIPTION
The MSC82040 is a hermetically sealed NPN
power transistor with a fishbone, emitter finger
ballasted geometry utilizing a refractory/gold me-
tallization system. The device is designed speci-
fically for Class A linear applications to provide
high gain and high output power at the 1.0 dB
compression point.
PIN CONNECTION
BRANDING
82040
ORDER CODE
MSC82040
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
(see Safe Area)
—
W
IC
Device Bias Current
200
mA
VCE
Collector-Emitter Bias Voltage*
20
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
20
°C/W
*Applies only to rated RF amplifier operation
MSC82040
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
1/6


Similar Part No. - MSC82040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC82001 STMICROELECTRONICS-MSC82001 Datasheet
93Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82003 STMICROELECTRONICS-MSC82003 Datasheet
92Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
logo
Advanced Semiconductor
MSC82003 ASI-MSC82003 Datasheet
60Kb / 2P
NPN SILICON RF POWER TRANSISTOR
logo
STMicroelectronics
MSC82005 STMICROELECTRONICS-MSC82005 Datasheet
84Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
logo
Advanced Semiconductor
MSC82005 ASI-MSC82005 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MSC82040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC80185 STMICROELECTRONICS-MSC80185 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC80186 STMICROELECTRONICS-MSC80186 Datasheet
109Kb / 6P
GENERAL PURPOSE LINEAR APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC80195 STMICROELECTRONICS-MSC80195 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC80196 STMICROELECTRONICS-MSC80196 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC80197 STMICROELECTRONICS-MSC80197 Datasheet
123Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC82100 STMICROELECTRONICS-MSC82100 Datasheet
86Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
SD1855 STMICROELECTRONICS-SD1855 Datasheet
51Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
SD5000 STMICROELECTRONICS-SD5000 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS3011 ADPOW-MS3011 Datasheet
352Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC80064 ADPOW-MSC80064 Datasheet
147Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com