Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP7113VGC/Z Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP7113VGC/Z
Description  T-1 3/4 (5mm) SOLID STATE LAMP Green
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113VGC/Z Datasheet(HTML) 1 Page - Kingbright Corporation

  WP7113VGC/Z Datasheet HTML 1Page - Kingbright Corporation WP7113VGC/Z Datasheet HTML 2Page - Kingbright Corporation WP7113VGC/Z Datasheet HTML 3Page - Kingbright Corporation WP7113VGC/Z Datasheet HTML 4Page - Kingbright Corporation WP7113VGC/Z Datasheet HTML 5Page - Kingbright Corporation WP7113VGC/Z Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAG9843
REV NO: V.2
DATE: MAY/10/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101019884
T-1 3/4 (5mm) SOLID STATE LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: WP7113VGC/Z
Green
Features
LOW POWER CONSUMPTION.
POPULAR T-1 3/4 DIAMETER PACKAGE.
GENERAL PURPOSE LEADS.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
AVAILABLE ON TAPE AND REEL.
RoHS COMPLIANT.
Description
The Green source color devices are made with InGaN Light
Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP7113VGC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113VGC/A KINGBRIGHT-WP7113VGC/A Datasheet
411Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP Green
More results

Similar Description - WP7113VGC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1503EC KINGBRIGHT-WP1503EC Datasheet
260Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113ED KINGBRIGHT-WP7113ED Datasheet
261Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113PGC KINGBRIGHT-WP7113PGC Datasheet
258Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP1503GT KINGBRIGHT-WP1503GT Datasheet
259Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP Green
WP1513GC KINGBRIGHT-WP1513GC Datasheet
116Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP GREEN
WP1513GT KINGBRIGHT-WP1513GT Datasheet
116Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP GREEN
WP7083VGD-Z KINGBRIGHT-WP7083VGD-Z Datasheet
250Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP Green
WP7113CGCK KINGBRIGHT-WP7113CGCK Datasheet
256Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP Green
WP7113TGC-Z KINGBRIGHT-WP7113TGC-Z Datasheet
261Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP Green
WP7113VGC-A KINGBRIGHT-WP7113VGC-A Datasheet
411Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP Green
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com