Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA-RMMNMCN19 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RMMNMCN19
Description  CA-100 RP-MMCX/NM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RMMNMCN19 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RMMNMCN19 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
2X, SHRINK TUBE,
BLACK
100 SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
JACKET: PVC, BLACK
RP-MMCX PLUG
RIGHT ANGLE
CRIMP CONNECTOR
TYPE N-MALE
STRAIGHT CRIMP
CONNECTOR
RoHS Compliant 
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL RECEIVE INSERTION LOSS TEST
PER L-COM SPECIFICATIONS.
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RMMNMCXXX WHERE XXX = LENGTH IN FEET
CA-RMMNMC010 (10 FEET)
CA-RMMNMCNXX WHERE NXX = LENGTH IN INCHES
CA-RMMNMCN16 (16 INCHES)
CA-RMMNMCMXX WHERE MXX = LENGTH IN METERS
CA-RMMNMCM07 (7 METERS)
CA-RMMNMCXMX WHERE XMX = LENGTH IN DECIMAL METERS
CA-RMMNMC3M5 (3.5 METERS)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RMMNMC
A
CA-RMMNMC.SLDDRW
1
1
K.BURGNER
01/02/13
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
01/02/13
01/02/13
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA-100 RP-MMCX/NM
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
01/02/13
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-RMMNMCN19

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RMMNFBCN19 L-COM-CA-RMMNFBCN19 Datasheet
72Kb / 1P
CA,CA-100 RP-MMCX/NF BLKHD
01/02/13
CA-RMMNFCN19 L-COM-CA-RMMNFCN19 Datasheet
69Kb / 1P
CA,CA-100 RP-MMCX/NF
01/02/13
More results

Similar Description - CA-RMMNMCN19

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
89761-6800 MOLEX2-89761-6800 Datasheet
87Kb / 1P
SMA JACK BLKHD TO MMCX PLUG STR ON RG178 CA-MMCX/SMA
89761-6812 MOLEX2-89761-6812 Datasheet
84Kb / 1P
CA SMA JACK STR BKHD TO MMCX PLUG STR W/RG316
logo
TE Connectivity Ltd
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
C-2016695 TEC-C-2016695 Datasheet
153Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC IV WITH 1.13 CABLE
logo
Molex Electronics Ltd.
SD-89761-682 MOLEX-SD-89761-682 Datasheet
230Kb / 2P
CA SMA J STR BKHD TO MMCX P R/A W/RG316 CA-SMAJ/MMCXP, EWR-3874
2022/01/05
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
897616780 MOLEX-897616780 Datasheet
48Kb / 1P
MMCX P STR TO MMCX P STR ON RG316 CA-MMCX, EWR-3874
2009/01/08
897616790 MOLEX-897616790 Datasheet
54Kb / 1P
MMCX PLUG RA TO MMCX PLUG RA ON RG316 CA-MMCX, EWR-3874
2009/01/08
897616801 MOLEX-897616801 Datasheet
86Kb / 1P
SMA JACK BLKHD T0O MMCX PLUG STR ON RG178 CA-MMCX/SMA
2009/01/08
897616810 MOLEX-897616810 Datasheet
84Kb / 1P
CA SMA JACK STR BKHD TO MMCX PLUG STR W/RG316 CA-SMAJ/MMCXP., EWR-3874
2009/01/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com